Electronic Components Datasheet Search
  English  ▼

X  

1378340 Datasheet (PDF) - PHOENIX CONTACT

1378340 Datasheet PDF - PHOENIX CONTACT
Part # 1378340
Download  1378340 Download
File Size   309.75 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through plug - DD21H 0,85/16-PT-2,5-X

1378340 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378340 Datasheet PDF - PHOENIX CONTACT

Part # 1378340
Download  1378340 Click to download

File Size   309.75 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through plug - DD21H 0,85/16-PT-2,5-X

1378340 Datasheet (HTML) - PHOENIX CONTACT


1378340 Product details

PCB connector, color: black, nominal current: 5 A, rated voltage (III/2): 160 V, type of contact:
Male connector, number of rows: 2, number of positions: 16, product range: DD21H 0,85/..-PT,
pitch: 2.5 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °,
locking clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snap-in locking,
mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1378340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378341 PHOENIX-1378341 Datasheet
309Kb / 7P
Feed-through plug - DD21H 0,85/20-PT-2,5-X
1378342 PHOENIX-1378342 Datasheet
305Kb / 7P
PCB connector - DD21H 0,85/ 6-FH-2,5-X
1378343 PHOENIX-1378343 Datasheet
306Kb / 7P
PCB connector - DD21H 0,85/ 8-FH-2,5-X
1378344 PHOENIX-1378344 Datasheet
309Kb / 7P
PCB connector - DD21H 0,85/12-FH-2,5-X
1378345 PHOENIX-1378345 Datasheet
308Kb / 7P
PCB connector - DD21H 0,85/20-FH-2,5-X
More results


Similar Description - 1378340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378336 PHOENIX-1378336 Datasheet
307Kb / 7P
Feed-through plug - DD21H 0,85/ 6-PT-2,5-X
1378337 PHOENIX-1378337 Datasheet
308Kb / 7P
Feed-through plug - DD21H 0,85/ 8-PT-2,5-X
1378338 PHOENIX-1378338 Datasheet
310Kb / 7P
Feed-through plug - DD21H 0,85/10-PT-2,5-X
1378339 PHOENIX-1378339 Datasheet
310Kb / 7P
Feed-through plug - DD21H 0,85/12-PT-2,5-X
1378341 PHOENIX-1378341 Datasheet
309Kb / 7P
Feed-through plug - DD21H 0,85/20-PT-2,5-X
1378108 PHOENIX-1378108 Datasheet
308Kb / 7P
Feed-through plug - DD21H 0,85/20-PT-2,5-Y
1378111 PHOENIX-1378111 Datasheet
309Kb / 7P
Feed-through plug - DD21H 0,85/16-PT-2,5-Y
1378112 PHOENIX-1378112 Datasheet
310Kb / 7P
Feed-through plug - DD21H 0,85/10-PT-2,5-Y
1378114 PHOENIX-1378114 Datasheet
310Kb / 7P
Feed-through plug - DD21H 0,85/12-PT-2,5-Y
1378115 PHOENIX-1378115 Datasheet
308Kb / 7P
Feed-through plug - DD21H 0,85/ 8-PT-2,5-Y
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com