Electronic Components Datasheet Search
  English  ▼

X  

LM2832YMYX Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2832YMYX Datasheet PDF - National Semiconductor (TI)
Part # LM2832YMYX
Download  LM2832YMYX Download
File Size   893.73 Kbytes
Page   27 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Frequency 2.0A Load - Step-Down DC-DC Regulator

LM2832YMYX Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2832YMYX Datasheet PDF - National Semiconductor (TI)

Part # LM2832YMYX
Download  LM2832YMYX Click to download

File Size   893.73 Kbytes
Page   27 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description High Frequency 2.0A Load - Step-Down DC-DC Regulator

LM2832YMYX Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2832YMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832YMY/NOPB TI1-LM2832YMY/NOPB Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2832YMY/NOPB TI2-LM2832YMY/NOPB Datasheet
806Kb / 36P
LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator
REVISED APRIL 2013
LM2832YMY/NOPB.A TI2-LM2832YMY/NOPB.A Datasheet
806Kb / 36P
LM2832 High Frequency 2.0A Load - Step-Down DC-DC Regulator
REVISED APRIL 2013
More results


Similar Description - LM2832YMYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Chip Advanced Technolog...
CAT7105 CAT-CAT7105 Datasheet
758Kb / 12P
2.0A High Efficiency Step-Down DC/DC Converter
May-2007 Rev:0.94
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com