Electronic Components Datasheet Search
  English  ▼

X  

BC848A Datasheet (PDF) - Weitron Technology

BC848A Datasheet PDF - Weitron Technology
Part # BC848A
Download  BC848A Download
File Size   277.22 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description General Purpose Transistor NPN Silicon

BC848A Datasheet (PDF)

Go To PDF Page Download Datasheet
BC848A Datasheet PDF - Weitron Technology

Part # BC848A
Download  BC848A Click to download

File Size   277.22 Kbytes
Page   5 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description General Purpose Transistor NPN Silicon

BC848A Datasheet (HTML) - Weitron Technology


BC848A Product details

General Purpose Transistor

NPN Silicon



* Moisture Sensitivity Level: 1

* ESD Rating - Human Body Model:>4000V

                  - Machine Model:>400V



 




Similar Part No. - BC848A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848A TRSYS-BC848A Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848A ZOWIE-BC848A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848A SIEMENS-BC848A Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848A DIODES-BC848A Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Micro Commercial Compon...
BC848A MCC-BC848A Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
More results


Similar Description - BC848A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com