Electronic Components Datasheet Search
  English  ▼

X  

VSMB294008RG Datasheet (PDF) - Vishay Siliconix

VSMB294008RG Datasheet PDF - Vishay Siliconix
Part # VSMB294008RG
Download  VSMB294008RG Download
File Size   155.18 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW

VSMB294008RG Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMB294008RG Datasheet PDF - Vishay Siliconix

Part # VSMB294008RG
Download  VSMB294008RG Click to download

File Size   155.18 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW

VSMB294008RG Datasheet (HTML) - Vishay Siliconix


VSMB294008RG Product details

DESCRIPTION
VSMB294008 series are infrared, 940 nm emitting diodes in
GaAlAs multi quantum well (MQW) technology with high
radiant power and high speed, molded in clear, untinted
plastic packages (with lens) for surface mounting (SMD).

FEATURES
• Package type: surface mount
• Package form: GW, RGW
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.8
• Peak wavelength: p = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity:  = ± 7°
• Low forward voltage
• Suitable for high pulse current operation
• Terminal configurations: gullwing or reserve gullwing
• Package matches with detector VEMD2000X01 series
• Floor life: 4 weeks, MSL 2a, acc. J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VSMB294008RG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB294008RG VISHAY-VSMB294008RG Datasheet
153Kb / 9P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
19-Nov-14
VSMB294008RG VISHAY-VSMB294008RG Datasheet
154Kb / 9P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQWs
19-Nov-14
VSMB294008RG VISHAY-VSMB294008RG Datasheet
154Kb / 9P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
19-Nov-14
VSMB294008RG VISHAY-VSMB294008RG_V01 Datasheet
154Kb / 9P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
19-Nov-14
More results


Similar Description - VSMB294008RG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB2943RGX01 VISHAY-VSMB2943RGX01 Datasheet
213Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
26-Feb-13
VSMB2943SLX01 VISHAY-VSMB2943SLX01 Datasheet
152Kb / 6P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
26-Feb-13
VSMB2948RG VISHAY-VSMB2948RG Datasheet
206Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
17-May-13
VSMB14942 VISHAY-VSMB14942 Datasheet
168Kb / 6P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
12-Aug-15
VSMB14940 VISHAY-VSMB14940_V01 Datasheet
139Kb / 6P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
19-Nov-15
VSMB2948G VISHAY-VSMB2948G_V01 Datasheet
209Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
17-May-13
VSMB2948SL VISHAY-VSMB2948SL_V01 Datasheet
154Kb / 6P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
07-Feb-13
VSMB14940 VISHAY-VSMB14940_V02 Datasheet
139Kb / 6P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
19-Nov-15
VSMB2948G VISHAY-VSMB2948G_V02 Datasheet
208Kb / 8P
High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, MQW
17-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com