Electronic Components Datasheet Search
  English  ▼

X  

461219 Datasheet (PDF) - Alpha Wire

461219 Datasheet PDF - Alpha Wire
Part # 461219
Download  461219 Download
File Size   97.76 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

461219 Datasheet (PDF)

Go To PDF Page Download Datasheet
461219 Datasheet PDF - Alpha Wire

Part # 461219
Download  461219 Click to download

File Size   97.76 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

461219 Datasheet (HTML) - Alpha Wire


461219 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor 12 (19/.0185) AWG Bare Copper 0.091
b) Insulation 0.032" Wall, Nom. PVC 0.157+/- 0.004
(1) Print
ALPHA WIRE-* 12 AWG
E163872-* (UL) MTW OR TW OR AWM 1015/1230 105C
600V VW-1 OR C(RU) AWM I A/B 105C 600V FT1
OR TEW 105C 600V FT1 CE ROHS
* = Factory Code
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, GREEN/YELLOW




Similar Part No. - 461219

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
46121 MACOM-46121 Datasheet
490Kb / 10P
Hand Crimping Tools
46121 MACOM-46121 Datasheet
4Mb / 8P
Premium CERTI-CRIMP II Hand Tools
logo
TE Connectivity Ltd
46121 TEC-46121 Datasheet
657Kb / 10P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Turck, Inc.
4612100 TURCK-4612100 Datasheet
135Kb / 2P
Inductive Sensor
11/07/2023
logo
WERMA Signaltechnik Gmb...
46121060 WERMA-46121060 Datasheet
288Kb / 3P
Midi / EvoSIGNAL
21.09.2021
More results


Similar Description - 461219

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com