Electronic Components Datasheet Search
  English  ▼

X  

PCM1051 Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

PCM1051 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # PCM1051
Download  PCM1051 Download
File Size   5557.16 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description CAN Isolation transceiver module

PCM1051 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1051 Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # PCM1051
Download  PCM1051 Click to download

File Size   5557.16 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description CAN Isolation transceiver module

PCM1051 Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


PCM1051 Product details

Product Features :
* Driving voltage: 5.0V
* Isolation voltage: 3000 VDC
* Transmission rate: 1Mbps(MAX)
* One bus overvoltage protection
* One conforms to ISO11898(24V) standard
* No peripheral circuit required
* ESD protection (contact discharge: +8KV)
* One without power, passive
* Strong anti-interference ability
- Working temperature range: -40CC - +85C




Similar Part No. - PCM1051

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
PCM100/100G FIBOX-PCM100/100G Datasheet
85Kb / 3P
Enclosure. PC
05.08.2022
PCM100/125T FIBOX-PCM100/125T Datasheet
85Kb / 3P
Enclosure. PC
08.08.2022
PCM100/75T FIBOX-PCM100/75T Datasheet
469Kb / 3P
Enclosure. PC
08.08.2022
logo
Winsonic Electronics
PCM10161F-WE20L0-CB0M0A WINSONIC-PCM10161F-WE20L0-CB0M0A Datasheet
153Kb / 1P
Fanless Panel PC Chassis Mount, 10.1" LCD monitor, 1280 x 800, LED 200 nits,Intel®Celeron J6412
PCM10161F-WE20L0-CB0M0B WINSONIC-PCM10161F-WE20L0-CB0M0B Datasheet
153Kb / 1P
Fanless Panel PC Chassis Mount, 10.1" LCD monitor, 1280 x 800, LED 200 nits,Intel® 11th Gen. i3, i5, i7
More results


Similar Description - PCM1051

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301DCANH2 MORNSUN-TD301DCANH2 Datasheet
871Kb / 3P
DUPLEX HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
TD301D485 MORNSUN-TD301D485_15 Datasheet
877Kb / 4P
Isolation transceiver module
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
Isolation transceiver module
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
CAN Isolation Transceiver Module Industrial Bus
logo
Guangzhou Reicu Electro...
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
CAN Isolation transceiver module
REV:20.1
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
485 Enhanced Isolation Transceiver Module
REV:15.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com