|
Distributor, design: DIN rail module, type of protection: IP20, number of positions: 12, material:
sheet steel, connection method: Q-ODC connector, cable outlet: downward, color: traffic gray
A RAL 7042, Ethernet
Product Description
FDX-20 series DIN rail distributor for Plug and Play connection, equipped with 6x LC Duplex couplings and 1x Q-ODC 12-pos. socket, socket
attached on the underside (upon request, the socket can also be attached on the top). Housing (2-part) prepared for DIN rail mounting through the
rear-side adapter (this can also be mounted on the side)
|