Electronic Components Datasheet Search
  English  ▼

X  

VOR1142M4 Datasheet (PDF) - Vishay Siliconix

VOR1142M4 Datasheet PDF - Vishay Siliconix
Part # VOR1142M4
Download  VOR1142M4 Download
File Size   117.82 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 Form A Solid-State Relay

VOR1142M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
VOR1142M4 Datasheet PDF - Vishay Siliconix

Part # VOR1142M4
Download  VOR1142M4 Click to download

File Size   117.82 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1 Form A Solid-State Relay

VOR1142M4 Datasheet (HTML) - Vishay Siliconix


VOR1142M4 Product details

DESCRIPTION
The VOR1142 is an SPST normally open switch (1 form A)
that can replace electromechanical relays in many
applications. It is constructed using a GaAlAs IRED
actuation control and MOSFETs for the switch output.

FEATURES
• Current limit protection
• Isolation test voltage 3750 VRMS
• Typical RON 22 Ω
• Load voltage 400 V
• Load current 140 mA
• High surge capability
• Clean bounce free switching
• Low power consumption
• High temperature range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VOR1142M4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142M4 VISHAY-VOR1142M4 Datasheet
119Kb / 8P
1 Form A Solid-State Relay
17-Nov-15
VOR1142M4 VISHAY-VOR1142M4 Datasheet
117Kb / 8P
1 Form A Solid-State Relay
17-Nov-15
VOR1142M4T VISHAY-VOR1142M4T Datasheet
117Kb / 8P
1 Form A Solid-State Relay
17-Nov-15
VOR1142M4 VISHAY-VOR1142M4_V01 Datasheet
117Kb / 8P
1 Form A Solid-State Relay
17-Nov-15
More results


Similar Description - VOR1142M4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1510AAB VISHAY-LH1510AAB Datasheet
180Kb / 10P
1 Form A Solid State Relay
26-Oct-04
logo
Solid State Optronic
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
1 Form A Solid State Relay
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
1 Form A Solid State Relay
logo
Vishay Siliconix
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
1 Form A Solid-State Relay
25-Jul-11
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
1 Form A Solid-State Relay
17-Nov-15
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
1 Form A Solid-State Relay
09-Jun-16
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
1 Form A Solid-State Relay
12-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com