Electronic Components Datasheet Search
  English  ▼

X  

AC164245DL Datasheet (PDF) - NXP Semiconductors

AC164245DL Datasheet PDF - NXP Semiconductors
Part # AC164245DL
Download  AC164245DL Download
File Size   129.88 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit dual supply translating transceiver 3-State

AC164245DL Datasheet (PDF)

Go To PDF Page Download Datasheet
AC164245DL Datasheet PDF - NXP Semiconductors

Part # AC164245DL
Download  AC164245DL Click to download

File Size   129.88 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit dual supply translating transceiver 3-State

AC164245DL Datasheet (HTML) - NXP Semiconductors


AC164245DL Product details

General description
The 74ALVC164245 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
The 74ALVC164245 is a 16-bit (dual octal) dual supply translating transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. It is designed to interface between a 3 V and 5 V bus in a mixed 3 V and 5 V supply environment.
   
Features
■ 5 V tolerant inputs/outputs for interfacing with 5 V logic
■ Wide supply voltage range:
    ◆ 3 V port (VCCA): 1.5 V to 3.6 V
    ◆ 5 V port (VCCB): 1.5 V to 5.5 V.
■ CMOS low power consumption
■ Direct interface with TTL levels
■ Control inputs voltage range from 2.7 V to 5.5 V
■ Inputs accept voltages up to 5.5 V
■ High-impedance outputs when VCCA or VCCB = 0 V
■ Complies with JEDEC standard JESD8-B/JESD36
■ ESD protection:
    ◆ HBM EIA/JESD22-A114-B exceeds 2000 V
    ◆ MM EIA/JESD22-A115-A exceeds 200 V.
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C.
   




Similar Part No. - AC164245DL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AC164110 MICROCHIP-AC164110 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
AC164113 MICROCHIP-AC164113 Datasheet
194Kb / 1P
Using MPLAB ICD 3
2/10
AC164122 MICROCHIP-AC164122 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
AC164124 MICROCHIP-AC164124 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
AC164125 MICROCHIP-AC164125 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
More results


Similar Description - AC164245DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245DL,112 NXP-74ALVC164245DL,112 Datasheet
282Kb / 20P
74ALVC164245 16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com