Electronic Components Datasheet Search
  English  ▼

X  

LCD-122H032C Datasheet (PDF) - Vishay Siliconix

LCD-122H032C Datasheet PDF - Vishay Siliconix
Part # LCD-122H032C
Download  LCD-122H032C Download
File Size   67.84 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 122 x 32 Graphic LCD

LCD-122H032C Datasheet (PDF)

Go To PDF Page Download Datasheet
LCD-122H032C Datasheet PDF - Vishay Siliconix

Part # LCD-122H032C
Download  LCD-122H032C Click to download

File Size   67.84 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 122 x 32 Graphic LCD

LCD-122H032C Datasheet (HTML) - Vishay Siliconix


LCD-122H032C Product details

FEATURES
• Type: graphic
• Display format: 122 x 32 dots
• Built-in controller: SBN1661G
• Duty cycle: 1/32
• Available for internal (A type), external (C type), oscillation
2 kHz
• N.V. optional for +3 V power supply
• Chinese version: LCD-122H032L
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - LCD-122H032C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-122H032C VISHAY-LCD-122H032C Datasheet
67Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
More results


Similar Description - LCD-122H032C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-122H032A VISHAY-LCD-122H032A_V01 Datasheet
67Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032BP1 VISHAY-LCD-122H032BP1_V01 Datasheet
64Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032B VISHAY-LCD-122H032B_V01 Datasheet
65Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032K VISHAY-LCD-122H032K_V01 Datasheet
64Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032L VISHAY-LCD-122H032L_V01 Datasheet
63Kb / 3P
122 x 32 Graphic LCD
04-Nov-08
LCD-122H032M VISHAY-LCD-122H032M_V01 Datasheet
64Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032BP1 VISHAY-LCD-122H032BP1_V02 Datasheet
65Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032D VISHAY-LCD-122H032D_V02 Datasheet
64Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032G VISHAY-LCD-122H032G_V02 Datasheet
66Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
LCD-122H032J VISHAY-LCD-122H032J_V02 Datasheet
67Kb / 3P
122 x 32 Graphic LCD
23-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com