Electronic Components Datasheet Search
  English  ▼

X  

MAAPGM0072 Datasheet (PDF) - Tyco Electronics

MAAPGM0072 Datasheet PDF - Tyco Electronics
Part # MAAPGM0072
Download  MAAPGM0072 Download
File Size   207.15 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1.3W 17.7-19.7 GHz

MAAPGM0072 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0072 Datasheet PDF - Tyco Electronics

Part # MAAPGM0072
Download  MAAPGM0072 Click to download

File Size   207.15 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1.3W 17.7-19.7 GHz

MAAPGM0072 Datasheet (HTML) - Tyco Electronics


MAAPGM0072 Product details

Description
The MAAPGM0072-DIE is a 4-stage 1 W power amplifier with on-chip bias networks. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.

Features
♦ 1 Watt Saturated Output Power Level
♦ Variable Drain Voltage (4-10V) Operation
♦ MSAG® Process

Primary Applications
♦ Point-to-Point Radios
    ♦ 18 GHz Band




Similar Part No. - MAAPGM0072

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0072 MACOM-MAAPGM0072 Datasheet
307Kb / 8P
1 Watt Saturated Output Power Level
MAAPGM0072-DIE MACOM-MAAPGM0072-DIE Datasheet
307Kb / 8P
1 Watt Saturated Output Power Level
More results


Similar Description - MAAPGM0072

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
17.7-23.6GHz Power Amplifier MMIC
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Tyco Electronics
MAAPGM0041 MACOM-MAAPGM0041 Datasheet
216Kb / 5P
Amplifier, Power, 1.3W 11.5 - 15.0 GHz
MAAPGM0041-DIE MACOM-MAAPGM0041-DIE Datasheet
257Kb / 6P
1.3W X/Ku-Band Power Amplifier 11.0-15.0 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
17.7 - 32 GHz Power Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995_07 Datasheet
365Kb / 18P
1.3W Audio Power Amplifier
logo
Excelics Semiconductor,...
RFMA1720-0.5W-Q7 EXCELICS-RFMA1720-0.5W-Q7 Datasheet
130Kb / 3P
17.7 - 19.7 GHz High Gain Surface-Mounted PA
RFMA1720-1W-Q7 EXCELICS-RFMA1720-1W-Q7 Datasheet
146Kb / 4P
17.7 - 19.7 GHz High-Gain Surface Mounted PA
logo
United Monolithic Semic...
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
17.7 - 19.7GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
17.7 - 32 GHz Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com