Electronic Components Datasheet Search
  English  ▼

X  

MAAPGM0071 Datasheet (PDF) - Tyco Electronics

MAAPGM0071 Datasheet PDF - Tyco Electronics
Part # MAAPGM0071
Download  MAAPGM0071 Download
File Size   202.78 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1.6W 12.75-15.35 GHz

MAAPGM0071 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0071 Datasheet PDF - Tyco Electronics

Part # MAAPGM0071
Download  MAAPGM0071 Click to download

File Size   202.78 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1.6W 12.75-15.35 GHz

MAAPGM0071 Datasheet (HTML) - Tyco Electronics


MAAPGM0071 Product details

Description
The MAAP-000071-PKG0003 is a 4-stage 1.6 W power amplifier with on-chip bias networks in a 20 lead MLP package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.
Each device is 100% RF tested to ensure performance compliance. The part is fabricated using M/A-COM’s GaAs Multifunction SelfAligned Gate (MSAG) Process.
M/A-COM’s MSAG™ process features robust silicon-like manufacturing processes, planar processing of ion implanted transistors and multiple implant capability enabling power, low-noise, switch and digital FETs on a single chip. The use of refractory metals and the absence of platinum in the gate metal formulation prevents hydrogen poisoning when employed in hermetic packaging.

Features
♦ 1.6 Watt Saturated Output Power Level
♦ Variable Drain Voltage (6-10V) Operation
♦ MSAG™ Process

Primary Applications
♦ Point-to-Point Radios
   ♦ 13 and 15 GHz Bands




Similar Part No. - MAAPGM0071

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0071-DIE MACOM-MAAPGM0071-DIE Datasheet
388Kb / 8P
1.6 Watt Saturated Output Power Level
More results


Similar Description - MAAPGM0071

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
1.6W AUDIO AMPLIFIER
Mar-1995
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
1.6W AUDIO AMPLIFIER
May-1997
logo
Tyco Electronics
MAAPGM0035 MACOM-MAAPGM0035 Datasheet
2Mb / 6P
1.6W S/C-Band Power Amplifier 2.5-5.5 GHz
MAAP-000070-PKG003 MACOM-MAAP-000070-PKG003 Datasheet
203Kb / 4P
Amplifier, Power, 1.6W 10.0-13.25 GHz
MAAPGM0035S MACOM-MAAPGM0035S Datasheet
228Kb / 5P
2.5-5.5 GHz 1.6W Power Amplifier
MAAPGM0035S-DIE MACOM-MAAPGM0035S-DIE Datasheet
310Kb / 5P
Amplifier, Power, S/C-Band, 1.6W (2.5-5.5 GHz)
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
Excelics Semiconductor,...
EIM1213-4 EXCELICS-EIM1213-4 Datasheet
106Kb / 3P
12.75 - 13.25GHz Multi-Stage Power Amplifier
logo
Renesas Technology Corp
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
logo
WOLFSPEED, INC.
CMPA1C1D080F WOLFSPEED-CMPA1C1D080F Datasheet
1Mb / 18P
90 W, 12.75 - 13.25 GHz, GaN MMIC, Power Amplifier
Rev 0.1 September 2021
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com