Electronic Components Datasheet Search
  English  ▼

X  

TDSL3160 Datasheet (PDF) - Vishay Siliconix

TDSL3160 Datasheet PDF - Vishay Siliconix
Part # TDSL3160
Download  TDSL3160 Download
File Size   110.39 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 10 mm 7-Segment Display

TDSL3160 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSL3160 Datasheet PDF - Vishay Siliconix

Part # TDSL3160
Download  TDSL3160 Click to download

File Size   110.39 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 10 mm 7-Segment Display

TDSL3160 Datasheet (HTML) - Vishay Siliconix


TDSL3160 Product details

DESCRIPTION
The TDSL31.0 series are 10 mm character seven segment
low current LED displays in a very compact package.
The displays are designed for a viewing distance up to
6 m and available in high efficiency red. The grey package
surface and the evenly lighted untinted segments provide an
optimum on-off contrast.
All displays are categorized in luminous intensity groups.
That allows users to assemble displays with uniform
appearence.
Typical applications include instruments, panel meters,
point-of-sale terminals and household equipment.
Due to the design of 10 mm displays, a certain amount of
cross-talk between segments is unavoidable. This light
leakage becomes more noticeable as the brightness of
the operated segments increases. However, higher
environmental illumination, or a partially transparent cover,
may reduce this effect. Therefore, it's important to consider
this phenomenon during design-in and to validate suitability
for the particular application and all its operation modes.

FEATURES
• Low power consumption
• Suitable for DC and multiplex operation
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Wide viewing angle
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TDSL3160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL3160 VISHAY-TDSL3160 Datasheet
74Kb / 6P
Low Current 10 mm Seven Segment Display
02-Jun-99
TDSL3160 VISHAY-TDSL3160 Datasheet
145Kb / 9P
Low Current 10 mm Seven Segment Display
22-Jan-10
TDSL3160 VISHAY-TDSL3160 Datasheet
111Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
More results


Similar Description - TDSL3160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
Low Current 7 mm Seven Segment Display
31-Aug-04
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
Low Current 10 mm Seven Segment Display
02-Jun-99
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
Standard 7-Segment Display 10 mm
23-May-11
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
Low Current 7 mm Seven Segment Display
25-Jan-10
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
Low Current 10 mm Seven Segment Display
22-Jan-10
TDSL11 VISHAY-TDSL11_V01 Datasheet
152Kb / 9P
Low Current 7 mm 7-Segment Display
17-Apr-13
TDSL31 VISHAY-TDSL31_V01 Datasheet
111Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
TDSY3150 VISHAY-TDSY3150_V01 Datasheet
129Kb / 10P
Standard 7-Segment Display 10 mm
06-Dec-2021
TDSL1150 VISHAY-TDSL1150_V01 Datasheet
151Kb / 9P
Low Current 7 mm 7-Segment Display
17-Apr-13
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
Low Current 13 mm 7-Segment Display
06-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com