Electronic Components Datasheet Search
  English  ▼

X  

XQ-E Datasheet (PDF) - Cree LED

XQ-E Datasheet PDF - Cree LED
Part # XQ-E
Download  XQ-E Download
File Size   2214.76 Kbytes
Page   56 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XQ-E LEDs

XQ-E Datasheet (PDF)

Go To PDF Page Download Datasheet
XQ-E Datasheet PDF - Cree LED

Part # XQ-E
Download  XQ-E Click to download

File Size   2214.76 Kbytes
Page   56 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XQ-E LEDs

XQ-E Datasheet (HTML) - Cree LED


XQ-E Product details

FEATURES
• Cree LED’s smallest lighting class LED: 1.6 mm X 1.6 mm
• Available in high‑density & high‑intensity versions for design
flexibility
• Available in 70, 80, & 90 CRI white, royal blue, blue, PC blue,
green, PC amber, red‑orange, red & high efficiency (HE) photo
red
• Maximum drive current: 1 A (high density & high intensity)
• Reflow solderable - JEDEC J-STD‑020C compatible
• Unlimited floor life at ≤ 30 °C/85% RH
• RoHS and REACh compliant
• UL® recognized component (E349212)




Similar Part No. - XQ-E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
Cree XLamp XQ-E LEDs
Rev 7A
More results


Similar Description - XQ-E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
XLamp XQ-E LEDs
Rev 1
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
XLamp XT-E LEDs
Rev 10C
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
Cree XLamp XQ-A LEDs
Rev 0C
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
Cree XLamp XQ-E LEDs
Rev 7A
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
XLamp XQ-B LED
Rev 3F
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
XLamp XQ-D LED
Rev 3F
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com