Electronic Components Datasheet Search
  English  ▼

X  

M75310P Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M75310P Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M75310P
Download  M75310P Download
File Size   124.17 Kbytes
Page   8 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT

M75310P Datasheet (PDF)

Go To PDF Page Download Datasheet
M75310P Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M75310P
Download  M75310P Click to download

File Size   124.17 Kbytes
Page   8 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT

M75310P Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M75310P Product details

GENERAL DESCRIPTION
The M75310 is a very low-power IC providing all of the required features for a photoelectric type smoke detector.
This device can be used in conjunction with an infrared photoelectric chamber to sense scattered light from smoke particles.
A variable-gain photo amplifier can be directly interfaced to an infrared emitter / detector pair. The amplifier gain levels are
Determined by two external capacitors that are then internally selected depending on the operating mode. Low gain is selected
during standby and timer modes. During a local alarm this low gain is increased (internally) by ~ 10% to reduce false triggering.
High gain is used during the push-button test and during standby to periodically monitor the chamber sensitivity.
FEATURES
‧ Interconnect up to 50 detectors.
‧ Piezoelectric horn driver.
‧ Power-on reset.
‧ Built-in circuits to reduce false triggering.
‧ 6V to 12V operating voltage range.
‧ Average Supply Current:8μA
‧ ESD-Protection circuitry on all pins.
‧ Temporal horn pattern.
APPLICATIONS
‧ Smoke detector.




Similar Part No. - M75310P

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M7538-MPX COMPUTAR-M7538-MPX Datasheet
205Kb / 1P
f=75mm F3.8 for 2/3 Type 16 Megapixel cameras, Fixed-focal C‐Mount
2024.03
M7538-MPX COMPUTAR-M7538-MPX Datasheet
1Mb / 2P
THE NEW STANDARD IN HIGH-RESOLUTION MACHINE VISION LENSES
05.26
More results


Similar Description - M75310P

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
M75012 ETC2-M75012 Datasheet
166Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
logo
Microchip Technology
RE46C141 MICROCHIP-RE46C141 Datasheet
251Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C143 MICROCHIP-RE46C143 Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
logo
Allegro MicroSystems
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
logo
Microchip Technology
RE46C143E16F MICROCHIP-RE46C143E16F Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com