Electronic Components Datasheet Search
  English  ▼

X  

M1738/R Datasheet (PDF) - MOSDESIGN SEMICONDUCTOR CORP

M1738/R Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP
Part # M1738/R
Download  M1738/R Download
File Size   109.16 Kbytes
Page   1 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description BEEP LOTTO IC

M1738/R Datasheet (PDF)

Go To PDF Page Download Datasheet
M1738/R Datasheet PDF - MOSDESIGN SEMICONDUCTOR CORP

Part # M1738/R
Download  M1738/R Click to download

File Size   109.16 Kbytes
Page   1 Pages
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP
Description BEEP LOTTO IC

M1738/R Datasheet (HTML) - MOSDESIGN SEMICONDUCTOR CORP


M1738/R Product details

FEATURES 功能敘述
• L1→L2, L3→L1, L7,L6→L4, L5, L6, L7
→L1, L4, L5, L6, L7→L2, L3, L4, L5, L6, L7
APPLICATION 產品應用
• Lotto game, Toys etc..




Similar Part No. - M1738/R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
M17-113-RG316-BULK FAIRVIEW-M17-113-RG316-BULK Datasheet
552Kb / 3P
M17/113-RG316 Flexible Coax Cable Tan FEP Jacket
REV 1.0A
M17-60-RG142-BULK FAIRVIEW-M17-60-RG142-BULK Datasheet
451Kb / 3P
RG142 Flexible Coax Cable FEP Jacket M17/60
REV 1.3A
logo
List of Unclassifed Man...
M170216G009 ETC2-M170216G009 Datasheet
742Kb / 8P
Compact Indoor
M170226G004 ETC2-M170226G004 Datasheet
742Kb / 8P
Compact Indoor
M170246G400 ETC2-M170246G400 Datasheet
742Kb / 8P
Compact Indoor
More results


Similar Description - M1738/R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4995WP PHILIPS-SAA4995WP Datasheet
107Kb / 16P
PANorama-IC PAN-IC
1997 Jun 10
logo
Holtek Semiconductor In...
HT-2070A HOLTEK-HT-2070A Datasheet
199Kb / 4P
LOTTO FLASH DRIVER
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
BOWIN ELECTRONIC CO.
ENG3096V BOWIN-ENG3096V Datasheet
70Kb / 3P
6/12-LED LOTTO GAME IC
logo
Mallory Sonalert Produc...
MSE28LPS1 MSPI-MSE28LPS1 Datasheet
43Kb / 1P
Short Beep 1 PPS, 10% Duty Cycle
MSE28MPS1 MSPI-MSE28MPS1 Datasheet
43Kb / 1P
Short Beep 1 PPS, 10% Duty Cycle
logo
Maxim Integrated Produc...
MAX9792AEVKIT MAXIM-MAX9792AEVKIT Datasheet
295Kb / 11P
Wake-on-Beep Function
Rev 0; 2/09
MAX9791AEVKIT MAXIM-MAX9791AEVKIT Datasheet
401Kb / 10P
Wake-on-Beep Function
Rev 0; 10/08
logo
MOSDESIGN SEMICONDUCTOR...
M1710 MOSDESIGN-M1710 Datasheet
143Kb / 2P
L1→L6 BEEP LOTTO IC
2006-06-06
logo
Mallory Sonalert Produc...
JR16-R-DMDP315 MSPI-JR16-R-DMDP315 Datasheet
173Kb / 1P
Slow Double Pulse @ 0.5 PPS for 15 Seconds, then 0.1s beep @ 1 PPS until reset.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com