Electronic Components Datasheet Search
  English  ▼

X  

890744427005CS Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

890744427005CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 890744427005CS
Download  890744427005CS Download
File Size   604.86 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTDB DC-Link Capacitor

890744427005CS Datasheet (PDF)

Go To PDF Page Download Datasheet
890744427005CS Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 890744427005CS
Download  890744427005CS Click to download

File Size   604.86 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-FTDB DC-Link Capacitor

890744427005CS Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


890744427005CS Product details

General Information:
DC-Link Capacitor; wound type; boxed; MKP-Metallized Polypropylene
Operating Temperature -40 up to +105 °C
Storage Conditions
(in original packaging) 5 °C up to + 35 °C; 10 % up to 75 % RH
Maximum Selfheating (Rated) 15 °C
Moisture Sensitivity Level (MSL) 1
Climatic Category 40/85/56
Test conditions of electrical properties: +20 °C, 35 % RH if not specified differently
FIT according to separate documentation




Similar Part No. - 890744427005CS

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
890744427001CS WURTH-890744427001CS Datasheet
611Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
More results


Similar Description - 890744427005CS

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
890484427001CS WURTH-890484427001CS Datasheet
611Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890484428002CS WURTH-890484428002CS Datasheet
607Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890494427003CS WURTH-890494427003CS Datasheet
594Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890714429003CS WURTH-890714429003CS Datasheet
607Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890724429005CS WURTH-890724429005CS Datasheet
607Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890744427001CS WURTH-890744427001CS Datasheet
611Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890744429002CS WURTH-890744429002CS Datasheet
607Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890744429005CS WURTH-890744429005CS Datasheet
622Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890764427009CS WURTH-890764427009CS Datasheet
604Kb / 8P
WCAP-FTDB DC-Link Capacitor
REVISION 001.000
890724427010CS WURTH-890724427010CS Datasheet
604Kb / 8P
WCAP-FTDB DC-Link Capacitor
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com