Electronic Components Datasheet Search
  English  ▼

X  

TRF1208RPVT Datasheet (PDF) - Texas Instruments

TRF1208RPVT Datasheet PDF - Texas Instruments
Part # TRF1208RPVT
Download  TRF1208RPVT Download
File Size   2444.61 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier

TRF1208RPVT Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF1208RPVT Datasheet PDF - Texas Instruments

Part # TRF1208RPVT
Download  TRF1208RPVT Click to download

File Size   2444.61 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier

TRF1208RPVT Datasheet (HTML) - Texas Instruments


TRF1208RPVT Product details

1 Features
• Superior single-ended to differential conversion
performance as ADC driver
• Also works in differential to single-ended mode to
work as DAC buffer
• 11 GHz, 3-dB bandwidth
• 8 GHz, 1-dB gain flatness
• Fixed SE to Diff power gain of 16 dB
• OIP3 performance:
– 37 dBm at 2 GHz
– 32 dBm at 6 GHz
• P1dB performance:
– 15 dBm at 2 GHz
– 12.5 dBm at 6 GHz
• Noise figure:
– 7 dB at 2 GHz
– 7 dB at 8 GHz
• Gain and phase imbalance: ±0.3 dB / ±3 degrees
• Power-down feature
• 3.3 V single-supply operation
• Active current: 138 mA

2 Applications
• Directly drives RF sampling or Gsps ADCs
• Suitable for aerospace and defense applications
with up to X-band support
• High linearity to support next generation 5G
systems
• Low noise figure for better signal integrity
• Reduced system size with small foot print and
elimination of passive RF balun
• Low power, power-down mode with digital PD
control for optimized system design
• Phased array radar
• Military radios
• High-speed digitizer
• 4G/5G wireless BTS
• RF active balun
• Test and measurement

3 Description
The TRF1208 is a very high performance, RF
Amplifier optimized for radio frequency (RF)
applications. This device is ideal for ac-coupled
applications that require a single-ended to differential
conversion when driving an analog-to-digital
converter (ADC) such as the high performance
ADC12DJ5200RF. The on-chip matching components
simplify printed circuit board (PCB) implementation
and provide the highest performance over the
usable bandwidth. The device is fabricated in Texas
Instruments’ advanced complementary BiCMOS
process and is available in a space-saving, WQFNFCRLF
package.
It operates on a single-rail supply and consumes
about 138 mA of active current. A power-down feature
is also available for power savings.




Similar Part No. - TRF1208RPVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1208RPVT TI1-TRF1208RPVT Datasheet
2Mb / 41P
TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
TRF1208RPVTNEPG4 TI2-TRF1208RPVTNEPG4 Datasheet
1Mb / 29P
TRF1208-EP Enhanced Product, Near-DC to 11GHz, Fully Differential RF Amplifier
AUGUST 2025
TRF1208RPVTNEPG4 TI2-TRF1208RPVTNEPG4 Datasheet
1Mb / 29P
TRF1208-EP Enhanced Product, Near-DC to 11GHz, Fully Differential RF Amplifier
AUGUST 2025
More results


Similar Description - TRF1208RPVT

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1009 PASTERNACK-PE15A1009 Datasheet
512Kb / 5P
1.4 dB NF, 11 dBm, 10 MHz to 3 GHz, Low Noise Amplifier
logo
KR Electronics, Inc.
2969-SMA KR-2969-SMA Datasheet
64Kb / 3P
10 MHz minimum 1.5 dB BW
logo
TriQuint Semiconductor
TGA2243-SM TRIQUINT-TGA2243-SM_15 Datasheet
974Kb / 15P
11 17 GHz 3-Stage Driver Amplifier
logo
Pasternack Enterprises,...
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
logo
Analog Devices
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
Fully Differential, 10 GHz ADC Driver with 10 dB Gain
12/2020-Revision 0
logo
Texas Instruments
TRF1208 TI-TRF1208 Datasheet
1Mb / 29P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021
TRF1208 TI-TRF1208_V01 Datasheet
2Mb / 30P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022
TRF0206-SP TI-TRF0206-SP Datasheet
1Mb / 22P
TRF0206-SP Single Channel, 10 MHz to 6.5 GHz 3-dB BW, ADC Driver Amplifier
REVISED DECEMBER 2022
TRF1208 TI1-TRF1208_V03 Datasheet
2Mb / 41P
TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
TRF0206-SP TI1-TRF0206-SP_V01 Datasheet
1Mb / 25P
TRF0206-SP Single‑Channel, 10‑MHz to 6.5‑GHz, 3‑dB BW, ADC Driver Amplifier
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com