Electronic Components Datasheet Search
  English  ▼

X  

XTPS564252DRLR Datasheet (PDF) - Texas Instruments

XTPS564252DRLR Datasheet PDF - Texas Instruments
Part # XTPS564252DRLR
Download  XTPS564252DRLR Download
File Size   1672.04 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56425x 3-V to 16-V Input, 4-A Synchronous Buck Converters in SOT-563 Package

XTPS564252DRLR Datasheet (PDF)

Go To PDF Page Download Datasheet
XTPS564252DRLR Datasheet PDF - Texas Instruments

Part # XTPS564252DRLR
Download  XTPS564252DRLR Click to download

File Size   1672.04 Kbytes
Page   35 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS56425x 3-V to 16-V Input, 4-A Synchronous Buck Converters in SOT-563 Package

XTPS564252DRLR Datasheet (HTML) - Texas Instruments


XTPS564252DRLR Product details

1 Features
• Configured for a wide range of applications
– 3-V to 16-V input voltage range
– 0.6-V to 7-V output voltage range
– 0.6-V reference voltage
– ±1% reference accuracy at 25°C
– ±1.5% reference accuracy at –40°C to 125°C
– Integrated 55.0-mΩ and 24.3-mΩ MOSFETs
– 100-μA low quiescent current
– 600-kHz switching frequency
– Maximum 97% large duty cycle operation
– Precision EN threshold voltage
– 1.6-ms fixed typical soft-start time
• Ease of use and small solution size
– TPS564252 Eco-mode, TPS564257 FCCM
mode, TPS564255 OOA mode at light loading
– D-CAP3™ control mode
– Easy layout with integrated bootstrap capacitor
– Support start-up with prebiased output
– Open-drain power-good indicator
– Non-latch for OV, OT, and UVLO protection
– Hiccup mode for UV protection
– Cycle-by-cycle OC and NOC protection
– 1.6-mm × 1.6-mm SOT-563 package

2 Applications
• WLAN/Wi-Fi access point, switch, router
• Pro-audio, surveillance, drone
• TV, STB and DVR, smart speaker
• SSD
• Electricity meter

3 Description
The TPS56425x is a simple, easy-to-use, high
efficiency, high power density, synchronous buck
converter with input voltage ranging from 3-V to 16-V
and supports up to 4-A continuous current at output
voltages between 0.6 V and 7 V.
The TPS56425x employs D-CAP3 control mode to
provide a fast transient response and to support
low-ESR output capacitors with no requirement for
external compensation. The device can support up
to 97% duty cycle operation. Integrated bootstrap
capacitor helps achieve single layer PCB and can
save total BOM cost.
The TPS564252 operates in Eco-mode, which
maintains high efficiency during light loading. The
TPS564257 operates in FCCM mode, which keeps
the same frequency and lower output ripple during
all load conditions. The TPS564255 operates in OOA
mode, which prevents audio noise generation. The
device integrates complete protection through OVP,
OCP, UVLO, OTP, and UVP with hiccup.
The device is available in 1.6 mm × 1.6 mm SOT-563
package. The junction temperature is specified from
–40°C to 125°C.




Similar Part No. - XTPS564252DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTPS564252DRLR TI-XTPS564252DRLR Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
More results


Similar Description - XTPS564252DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS565242 TI-TPS565242 Datasheet
1Mb / 29P
TPS56524x 3-V to 16-V Input Voltage, 5-A Synchronous Buck Converter in a SOT-5X3 Package
FEBRUARY 2022
TPS564242 TI-TPS564242 Datasheet
1Mb / 31P
TPS56424x 3-V to 16-V Input Voltage, 4-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS565242 TI-TPS565242_V01 Datasheet
1Mb / 31P
TPS56524x 3-V to 16-V Input Voltage, 5-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS566242 TI-TPS566242_V01 Datasheet
1Mb / 31P
TPS56624x 3-V to 16-V Input Voltage, 6-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS563252 TI-TPS563252 Datasheet
1Mb / 30P
TPS56325x 3-V to 16-V Input, 3-A Synchronous Buck Converters in SOT-563 Package
AUGUST 2022
TPS562242 TI-TPS562242 Datasheet
1Mb / 25P
TPS562242 3-V to 16-V Input, 2-A Synchronous Buck Converters in SOT-563 Package
DECEMBER 2022
TPS563252 TI-TPS563252_V01 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS564252 TI-TPS564252_V01 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS563252 TI-TPS563252_V02 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
TPS564252 TI-TPS564252_V02 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com