Electronic Components Datasheet Search
  English  ▼

X  

74HC4538D Datasheet (PDF) - Toshiba Semiconductor

74HC4538D Datasheet PDF - Toshiba Semiconductor
Part # 74HC4538D
Download  74HC4538D Download
File Size   269.44 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC4538D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4538D Datasheet PDF - Toshiba Semiconductor

Part # 74HC4538D
Download  74HC4538D Click to download

File Size   269.44 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC4538D Datasheet (HTML) - Toshiba Semiconductor


74HC4538D Product details

Functional Description
• Dual Monostable Multivibrator

General
The 74HC4538D is a high speed CMOS MONOSTABLE MULTIVIBRATOR fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
There are two trigger inputs, A input (positive edge input), and B input (negative edge input). These inputs are
valid for a slow rise/fall time signal (tr = tf = 1 s) as they are schmitt trigger inputs.
After triggering, the output stays in a MONOSTABLE state for the time period determined by the external
resistor and capacitor (RX, CX). A low level at CD input breaks this STABLE STATE. In the MONOSTABLE
state, if a new trigger is applied, it makes the MONOSTABLE period longer (retrigger mode).
Limitations for CX and RX are as follows:
External capacitor CX.........No limitation
External resistor RX...........VCC = 2.0 V more than 5 kΩ
VCC = 3.0 V more than 1 kΩ
All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features (Note)
(1) High speed: tpd = 25 ns (typ.) at VCC = 5 V
(2) Low power dissipation:
Standby state: ICC = 4.0 μA (max) at Ta = 25 
Active state: ICC = 350 μA (max) at Ta = 25 
(3) Balanced propagation delays: tPLH ≈ tPHL
(4) Wide operating voltage range: VCC(opr) = 2.0 to 6.0 V




Similar Part No. - 74HC4538D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4538D PHILIPS-74HC4538D Datasheet
149Kb / 13P
Dual retriggerable precision monostable multivibrator
September 1993
logo
Nexperia B.V. All right...
74HC4538D NEXPERIA-74HC4538D Datasheet
293Kb / 17P
Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538D-Q100 NEXPERIA-74HC4538D-Q100 Datasheet
256Kb / 20P
Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538DB PHILIPS-74HC4538DB Datasheet
149Kb / 13P
Dual retriggerable precision monostable multivibrator
September 1993
More results


Similar Description - 74HC4538D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com