Electronic Components Datasheet Search
  English  ▼

X  

GOCND24 Datasheet (PDF) - Belden Inc.

GOCND24 Datasheet PDF - Belden Inc.
Part # GOCND24
Download  GOCND24 Download
File Size   150.08 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 24f MM OM3.

GOCND24 Datasheet (PDF)

Go To PDF Page Download Datasheet
GOCND24 Datasheet PDF - Belden Inc.

Part # GOCND24
Download  GOCND24 Click to download

File Size   150.08 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 24f MM OM3.

GOCND24 Datasheet (HTML) - Belden Inc.


GOCND24 Product details

Product Description
Outdoor optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns as strength member, Corrugated Steel Tape (Full Rodent Protected) armor
and polyethylene outer jacket. Product feature: This cable has improved rodent protection by Corrugated Steel Tape (Full Rodent Protected). Existing out of 1
Tube with a diameter of 3.3mm with 24 fibers MM OM3.




Similar Part No. - GOCND24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCND02 BELDEN-GOCND02 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 2f MM OM3.
2023 Belden, Inc
GOCND04 BELDEN-GOCND04 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 4f MM OM3.
2023 Belden, Inc
GOCND06 BELDEN-GOCND06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOCND06.002100 BELDEN-GOCND06.002100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GOCND06.004100 BELDEN-GOCND06.004100 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
More results


Similar Description - GOCND24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GOCN124 BELDEN-GOCN124 Datasheet
150Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 24f MM OM1.
2023 Belden, Inc
GOCN224 BELDEN-GOCN224 Datasheet
148Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 24f MM OM2.
2023 Belden, Inc
GOCND06 BELDEN-GOCND06 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS CST PE with 1 Tube of Ø3.3mm 6f MM OM3.
2023 Belden, Inc
GODND08 BELDEN-GODND08 Datasheet
153Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 8f MM OM3.
2023 Belden, Inc
GODND24 BELDEN-GODND24 Datasheet
154Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE CST PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOEND24 BELDEN-GOEND24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE PA with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOHND24 BELDEN-GOHND24 Datasheet
157Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWB PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GORND24 BELDEN-GORND24 Datasheet
147Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(3150N) PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOVND24 BELDEN-GOVND24 Datasheet
149Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS(4500N) PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
GOWND24 BELDEN-GOWND24 Datasheet
140Kb / 2P
Outdoor OFC CLT (jelly filled): GLASS YARNS PE SWA PE with 1 Tube of Ø3.3mm 24f MM OM3.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com