Electronic Components Datasheet Search
  English  ▼

X  

74ABT241 Datasheet (PDF) - NXP Semiconductors

74ABT241 Datasheet PDF - NXP Semiconductors
Part # 74ABT241
Download  74ABT241 Download
File Size   100.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver 3-State

74ABT241 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT241 Datasheet PDF - NXP Semiconductors

Part # 74ABT241
Download  74ABT241 Click to download

File Size   100.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver 3-State

74ABT241 Datasheet (HTML) - NXP Semiconductors


74ABT241 Product details

DESCRIPTION
The 74ABT241 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.
The 74ABT241 device is an octal buffer that is ideal for driving bus lines. The device features two Output Enables (1OE, 2OE), each controlling four of the 3-State outputs.

FEATURES
• Octal bus interface
• 3-State buffers
• Power-up 3-State
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
   and 200 V per Machine Model
• Inputs are disabled during 3-State mode




Similar Part No. - 74ABT241

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT241 FAIRCHILD-74ABT241 Datasheet
94Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMSA FAIRCHILD-74ABT241CMSA Datasheet
94Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMTC FAIRCHILD-74ABT241CMTC Datasheet
94Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSC FAIRCHILD-74ABT241CSC Datasheet
94Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSJ FAIRCHILD-74ABT241CSJ Datasheet
94Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74ABT241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com