Electronic Components Datasheet Search
  English  ▼

X  

74HC175D Datasheet (PDF) - Toshiba Semiconductor

74HC175D Datasheet PDF - Toshiba Semiconductor
Part # 74HC175D
Download  74HC175D Download
File Size   211.2 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC175D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC175D Datasheet PDF - Toshiba Semiconductor

Part # 74HC175D
Download  74HC175D Click to download

File Size   211.2 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74HC175D Datasheet (HTML) - Toshiba Semiconductor


74HC175D Product details

Functional Description
• Quad D-Type Flip-Flop with Clear
General
The 74HC175D is a high speed CMOS D-TYPE FLIP FLOP fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
Information signals applied to D inputs are transferred to the Q and Q outputs on the positive going edge of the
clock pulse.
When the CLR input is held low, the Q outputs are at the low logic level and the Q outputs are at the high logic
level independent of the other inputs.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features
(1) High speed: fMAX = 63 MHz (typ.) at VCC = 5 V
(2) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25 
(3) Balanced propagation delays: tPLH ≈ tPHL
(4) Wide operating voltage range: VCC(opr) = 2.0 V to 6.0 V




Similar Part No. - 74HC175D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC175D PHILIPS-74HC175D Datasheet
103Kb / 13P
Quad D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC175D NEXPERIA-74HC175D Datasheet
262Kb / 16P
Quad D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 4 February 2021
74HC175D-Q100 NEXPERIA-74HC175D-Q100 Datasheet
747Kb / 18P
Quad D-type flip-flop with reset; positive-edge trigger
74HC175D-Q100 NEXPERIA-74HC175D-Q100 Datasheet
261Kb / 16P
Quad D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 4 February 2021
logo
NXP Semiconductors
74HC175DB PHILIPS-74HC175DB Datasheet
103Kb / 13P
Quad D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
More results


Similar Description - 74HC175D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com