Electronic Components Datasheet Search
  English  ▼

X  

LYT2004D Datasheet (PDF) - Power Integrations, Inc.

LYT2004D Datasheet PDF - Power Integrations, Inc.
Part # LYT2004D
Download  LYT2004D Download
File Size   1483.73 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications

LYT2004D Datasheet (PDF)

Go To PDF Page Download Datasheet
LYT2004D Datasheet PDF - Power Integrations, Inc.

Part # LYT2004D
Download  LYT2004D Click to download

File Size   1483.73 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications

LYT2004D Datasheet (HTML) - Power Integrations, Inc.


LYT2004D Product details

Product Highlights
Accurate CC Regulation, Meets ±3% in a Typical
Design1
Controller Automatically Compensates For:
• Transformer inductance variation
• External component changes with temperature
• Input line voltage variations
This enhances production yield
Cost-Effective, Small Size Designs
• Eliminates the optocoupler and secondary CC control circuitry
• Eliminates control loop compensation circuitry
• Frequency-jitter greatly reduces EMI filter cost
• Programmable switching frequency reduces transformer size
• 725 V switching power MOSFET enables clampless flyback designs
Advanced Protection/Safety Features
• Auto-restart protection reduces power delivered by >90% for output
short-circuit and control loop faults (open and short-circuit components)
• Hysteretic thermal shutdown – with automatic recovery
• Meets high-voltage creepage requirements between DRAIN and all
other pins both on the PCB and at the package
EcoSmart™– Energy Efficient
• No-load consumption <30 mW1
• No current sense resistors – maximizes efficiency
Green Package
• All parts are halogen free and RoHS compliant
Applications
• LED bulbs, down lights, luminaires, ballasts and T8 tubes
Description
The LYTSwitch™-2 family of ICs dramatically simplifies low power CC
LED drivers by eliminating the optocoupler and secondary control
circuitry. The family introduces a revolutionary control technique which
provides accurate output current regulation, compensating for
transformer and external component variations, and device parameter
tolerances as well as input voltage variations.
The device incorporates a high-voltage switching MOSFET, an ON/OFF
control state-machine, a high-voltage switched current source for
self-biasing, frequency jitter to reduce EMI, cycle-by-cycle current limit
and hysteretic thermal shutdown circuitry into a monolithic IC. This high
level of integration enables cost-effective designs with very few
external components, reducing solution cost and driver size.




Similar Part No. - LYT2004D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LYT2004D POWERINT-LYT2004D Datasheet
1Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation
September 2015
More results


Similar Description - LYT2004D

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK6666E POWERINT-LNK6666E Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6774E POWERINT-LNK6774E Datasheet
2Mb / 24P
Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com