Electronic Components Datasheet Search
  English  ▼

X  

1874030 Datasheet (PDF) - PHOENIX CONTACT

1874030 Datasheet PDF - PHOENIX CONTACT
Part # 1874030
Download  1874030 Download
File Size   660.52 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - DMC 1,5/ 5-G1F-3,5-LR P26THR

1874030 Datasheet (PDF)

Go To PDF Page Download Datasheet
1874030 Datasheet PDF - PHOENIX CONTACT

Part # 1874030
Download  1874030 Click to download

File Size   660.52 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - DMC 1,5/ 5-G1F-3,5-LR P26THR

1874030 Datasheet (HTML) - PHOENIX CONTACT


1874030 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 10,
number of rows: 2, number of positions: 5, number of connections: 10, product range: DMC 1,5/..
-G1F-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6
mm, number of solder pins per potential: 1, plug-in system: COMBICON DFMC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & release
threaded flange, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Conductor connection on several levels enables higher contact density
• Small component size for applications where space is at a premium




Similar Part No. - 1874030

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1874031 PHOENIX-1874031 Datasheet
152Kb / 6P
MSTBVA 2,5/10-G-5,08
1874031 PHOENIX-1874031 Datasheet
151Kb / 6P
MSTBV 2,5/10-G-5,08
1874031 PHOENIX-1874031 Datasheet
151Kb / 6P
MSTB 2,5/10-G-5,08
1874031 PHOENIX-1874031 Datasheet
146Kb / 7P
IC 2,5/10-ST-5,08
1874031 PHOENIX-1874031 Datasheet
145Kb / 7P
FKIC 2,5/10-ST-5,08
More results


Similar Description - 1874030

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711099 PHOENIX-1711099 Datasheet
658Kb / 12P
PCB header - DMC 1,5/ 4-G1F-3,5-LR P26THR
Jan 10, 2023
1874027 PHOENIX-1874027 Datasheet
660Kb / 12P
PCB header - DMC 1,5/ 3-G1F-3,5-LR P26THR
Jan 5, 2023
1053878 PHOENIX-1053878 Datasheet
476Kb / 11P
DMC 1,5/15-G1F-3,5-LR P35 - PCB header
1033583 PHOENIX-1033583 Datasheet
362Kb / 11P
DMC 1,5/20-G1-3,5-LR P26THR - PCB header
1535190 PHOENIX-1535190 Datasheet
309Kb / 8P
DMC 1,5/18-G1-3,5-LR P26THR - PCB header
1535194 PHOENIX-1535194 Datasheet
309Kb / 8P
DMC 1,5/16-G1-3,5-LR P26THR - PCB header
1535198 PHOENIX-1535198 Datasheet
309Kb / 8P
DMC 1,5/14-G1-3,5-LR P26THR - PCB header
1535204 PHOENIX-1535204 Datasheet
309Kb / 8P
DMC 1,5/10-G1-3,5-LR P26THR - PCB header
1535205 PHOENIX-1535205 Datasheet
300Kb / 7P
DMC 1,5/ 9-G1-3,5-LR P26THR - PCB header
1535209 PHOENIX-1535209 Datasheet
307Kb / 8P
DMC 1,5/ 5-G1-3,5-LR P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com