Electronic Components Datasheet Search
  English  ▼

X  

1852367 Datasheet (PDF) - PHOENIX CONTACT

1852367 Datasheet PDF - PHOENIX CONTACT
Part # 1852367
Download  1852367 Download
File Size   433.32 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCC 1/ 2-STZF-3,81

1852367 Datasheet (PDF)

Go To PDF Page Download Datasheet
1852367 Datasheet PDF - PHOENIX CONTACT

Part # 1852367
Download  1852367 Click to download

File Size   433.32 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MCC 1/ 2-STZF-3,81

1852367 Datasheet (HTML) - PHOENIX CONTACT


1852367 Product details

PCB connector, nominal cross section: 1 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, type of contact: Female connector, number of potentials: 2, number of rows: 1,
number of positions: 2, number of connections: 2, product range: MCC 1/..-STZF, pitch: 3.81
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, number of
solder pins per potential: 1, plug-in system: COMBICON MC 1,5, locking: Screw locking,
mounting: Screw flange, type of packaging: packed in cardboard, Corresponding female crimp
contacts with current [A] and conductor cross section range [mm2] data: 5A/MCC-MT 0,2-0,35
(1859988); 8A/MCC-MT 0,5-1,0 (1859991)

Your advantages
• Inexpensive connection of large quantities of pre-assembled conductors
• Screwable flange for superior mechanical stability
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point




Similar Part No. - 1852367

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
18523 PHILIPS-18523 Datasheet
160Kb / 5P
HALOGEN-QUENCHED RADIATION COUNTER TUBE
5.5.1960
logo
PHOENIX CONTACT
1852309 PHOENIX-1852309 Datasheet
147Kb / 5P
MC 1,5/15-G-3,81
1852309 PHOENIX-1852309 Datasheet
164Kb / 5P
MCV 1,5/15-G-3,81
1852312 PHOENIX-1852312 Datasheet
147Kb / 5P
MC 1,5/16-G-3,81
1852312 PHOENIX-1852312 Datasheet
147Kb / 5P
MCV 1,5/16-G-3,81
More results


Similar Description - 1852367

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753705 PHOENIX-1753705 Datasheet
111Kb / 5P
Printed-circuit board connector - MCC 1/ 2-STZ-3,81 BK
1763821 PHOENIX-1763821 Datasheet
49Kb / 3P
Printed-circuit board connector - MCC 1/ 3-STZF-3,81 BK
1852176 PHOENIX-1852176 Datasheet
117Kb / 8P
Printed-circuit board connector - MCC 1/ 2-STZ-3,81
1718669 PHOENIX-1718669 Datasheet
49Kb / 3P
Printed-circuit board connector - MCC 1/ 5-STZF-3,81 RD
1852451 PHOENIX-1852451 Datasheet
63Kb / 3P
Printed-circuit board connector - MCC 1/11-STZF-3,81
1852202 PHOENIX-1852202 Datasheet
63Kb / 3P
Printed-circuit board connector - MCC 1/ 5-STZ-3,81
1852341 PHOENIX-1852341 Datasheet
62Kb / 3P
Printed-circuit board connector - MCC 1/19-STZ-3,81
1852435 PHOENIX-1852435 Datasheet
63Kb / 3P
Printed-circuit board connector - MCC 1/ 9-STZF-3,81
1852480 PHOENIX-1852480 Datasheet
63Kb / 3P
Printed-circuit board connector - MCC 1/14-STZF-3,81
1852419 PHOENIX-1852419 Datasheet
161Kb / 10P
Printed-circuit board connector - MCC 1/ 7-STZF-3,81
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com