Electronic Components Datasheet Search
  English  ▼

X  

5139/27C Datasheet (PDF) - Alpha Wire

5139/27C Datasheet PDF - Alpha Wire
Part # 5139/27C
Download  5139/27C Download
File Size   100.63 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

5139/27C Datasheet (PDF)

Go To PDF Page Download Datasheet
5139/27C Datasheet PDF - Alpha Wire

Part # 5139/27C
Download  5139/27C Click to download

File Size   100.63 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

5139/27C Datasheet (HTML) - Alpha Wire


5139/27C Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 27 X 1 PAIR
a) Conductor 18 (16/30) AWG Tinned Copper 0.047
b) Insulation 0.016" Wall, Nom. PVC 0.079
(1) Color Code Alpha Wire Color Code A
Pair Color Pair Color Pair Color
1 BLACK-RED 10 RED-BLUE 19 WHITE-BLUE
2 BLACK-WHITE 11 RED-YELLOW 20 WHITE-BROWN
3 BLACK-GREEN 12 RED-BROWN 21 WHITE-ORANGE
4 BLACK-BLUE 13 RED-ORANGE 22 WHITE-YELLOW
5 BLACK-BROWN 14 GREEN-BLUE 23 BLUE-BROWN
6 BLACK-YELLOW 15 GREEN-WHITE 24 BLUE-ORANGE
7
BLACKORANGE
16 GREEN-BROWN 25 BLUE-YELLOW
8 RED-GREEN 17
GREENORANGE
26
BROWNORANGE
9 RED-WHITE 18
GREENYELLOW
27
BROWNYELLOW
c) Pair 2/Cond Cabled Together
(1) Twists: 5.3 Twists/foot (min)
2) Cable Assembly 27 Components Cabled
a) Twists: 1.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: A/P/A Tape, 20% Overlap, Min.
a) Drain Wire 18 (16/30) AWG Tinned Copper
b) Braid Tinned Copper,70% Coverage, Nom.
4) Jacket 0.083" Wall, Nom.,PVC 1.000 (1.036 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 5139/27C 27PR 18 AWG
XTRAGUARD(R) 1 SHIELDED (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 OR C(UL) TYPE CMG 105C FT4 CE ROHS
OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 5139/27C

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
51390 BRADY-51390 Datasheet
309Kb / 1P
Valve Lockouts
logo
Amphenol Corporation
51391 AMPHENOL-51391 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
51392 AMPHENOL-51392 Datasheet
49Kb / 2P
High reliability, solid state silicon pressure sensors
logo
Brady Worldwide, Inc.
51392 BRADY-51392 Datasheet
309Kb / 1P
Valve Lockouts
logo
Amphenol Corporation
51393 AMPHENOL-51393 Datasheet
57Kb / 2P
Solid state, high reliability
More results


Similar Description - 5139/27C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com