Electronic Components Datasheet Search
  English  ▼

X  

MIC2133YML Datasheet (PDF) - Microchip Technology

MIC2133YML Datasheet PDF - Microchip Technology
Part # MIC2133YML
Download  MIC2133YML Download
File Size   2153.89 Kbytes
Page   50 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding

MIC2133YML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2133YML Datasheet PDF - Microchip Technology

Part # MIC2133YML
Download  MIC2133YML Click to download

File Size   2153.89 Kbytes
Page   50 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding

MIC2133YML Datasheet (HTML) - Microchip Technology


MIC2133YML Product details

General Description
The MIC2133 is a constant on-time, dual phase,
synchronous buck controller featuring a unique adaptive
on-time control architecture with HyperLight Load and
phase shedding features enabled. The MIC2133 operates
over an input supply range from 8V to 75V. The output
voltage is adjustable down to 0.6V with an ensured
accuracy of ±1% at the FBS pin. The device operates
with programmable switching frequency from 100 kHz to
1 MHz per phase.
The Hyper Speed Control architecture supports an ultrafast
transient response under medium to heavy loads.
The soft start is also programmable externally with a
capacitor, thus, enabling safe start-ups into heavy loads.
The MIC2133 has a remote sense amplifier for accurate
output voltage control.
MIC2133 offers a full suite of protection features to
ensure protection of the IC during Fault conditions.
These include undervoltage lockout to ensure proper
operation, programmable soft start to reduce inrush current,
overvoltage discharge, Hiccup mode short-circuit
protection and thermal shutdown.
MIC2133 is available in a 5 mm x 5 mm, 32-pin VQFN
package with a -40°C to +125°C operating junction
temperature range.

Features
• Input Voltage Range: 8V to 75V
• Input Down to 2V when VDD = 5V from External
Supply
• Adjustable Output Voltage from 0.6V to 28V
• Adaptive Constant On-Time Control:
- High Delta V operation
- Any Capacitor™ stable
• 0.6V Internal Reference with ±1% Accuracy
• Ripple Injection from Third Node Allows Greater
than 50% Duty Cycles
• HyperLight Load® and Automatic Phase Shedding
• Ability to Interface with External MCU
• Accurate Current Balancing Between Phases
• Accurate 180° Phasing of Outputs
• 100 kHz to 1 MHz Switching Frequency per Phase
• High-Voltage Internal 5V LDO for Single-Supply
Operation
• Secondary LDO to Improve System Efficiency
• Supports Start-up to Pre-Bias Output
• Remote Sense Amplifier for Tight Output Regulation
• Droop Feature to Support Adaptive Voltage
Positioning (AVP) for Improved Load
Transient Response
• Precision Enable Function for Low Standby Current
• External Programmable Soft Start to Reduce
Inrush Current
• Lossless RDSON Current Sensing with NTC
Temperature Compensation or Resistor Sensing
Method
• Programmable Current Limit and Hiccup Mode
Short-Circuit Protection
• Thermal Shutdown with Hysteresis
• -40°C to +125°C Junction Temperature Range
• Compact Size 5 mm x 5 mm, 32-Pin VQFN
Package
• AEC-Q100 Qualified (VAO Suffix)

Applications
• Distributed Power Systems
• Communications/Networking Infrastructure
• Printers, Scanners, Graphic and Video Cards
• FPGA, CPU, Memory, GPU Core Supplies
• Automotive POL




Similar Part No. - MIC2133YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2130 MICREL-MIC2130 Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YML MICREL-MIC2130-1YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-1YTSE MICREL-MIC2130-1YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YML MICREL-MIC2130-4YML Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
MIC2130-4YTSE MICREL-MIC2130-4YTSE Datasheet
762Kb / 20P
High Voltage Synchronous Buck Control IC with Low EMI Option
More results


Similar Description - MIC2133YML

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6611A INTERSIL-ISL6611A_13 Datasheet
230Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
ISL6336DIRZ INTERSIL-ISL6336DIRZ Datasheet
777Kb / 30P
VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
October 6, 2014
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
227Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
ISL6617CRZ INTERSIL-ISL6617CRZ Datasheet
633Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
February 4, 2010
logo
Renesas Technology Corp
ISL6611A RENESAS-ISL6611A Datasheet
672Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
ISL6617 RENESAS-ISL6617 Datasheet
825Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
ISL6388 RENESAS-ISL6388 Datasheet
166Kb / 2P
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management With NVM and AUTO Phase Shedding
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com