Electronic Components Datasheet Search
  English  ▼

X  

7427934 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7427934 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7427934
Download  7427934 Download
File Size   694.44 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PBF Flat Wire High Current SMT Ferrite Bead

7427934 Datasheet (PDF)

Go To PDF Page Download Datasheet
7427934 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7427934
Download  7427934 Click to download

File Size   694.44 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-PBF Flat Wire High Current SMT Ferrite Bead

7427934 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7427934 Product details

General Information:
Do not use this part constantly beyond the Rated Current, as this will create excessive heat and can
harm the component
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Version Not glued
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7427934

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427930 WURTH-7427930 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
7427931 WURTH-7427931 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
7427932 WURTH-7427932 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
7427933 WURTH-7427933 Datasheet
690Kb / 7P
WE-PBF Flat Wire High Current SMT Ferrite Bead
002.000
74279390 WURTH-74279390 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
More results


Similar Description - 7427934

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427930 WURTH-7427930 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
7427931 WURTH-7427931 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
7427932 WURTH-7427932 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
74279390 WURTH-74279390 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
74279391 WURTH-74279391 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
74279392 WURTH-74279392 Datasheet
1Mb / 6P
WE-PBF Flat Wire High Current SMD Ferrite Bead
74431012010 WURTH-74431012010 Datasheet
446Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.002
74434035007 WURTH-74434035007 Datasheet
437Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.000
744340300025 WURTH-744340300025 Datasheet
438Kb / 6P
WE-HCM SMT High Current Flat Wire Inductor
001.000
7427933 WURTH-7427933 Datasheet
690Kb / 7P
WE-PBF Flat Wire High Current SMT Ferrite Bead
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com