| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
1200795026
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail, 24 AWG, PUR Cable, 2.0m (6.56) Length
09/23/2022 |
|
1200795029
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 24 AWG, PUR Cable, 2.0m (6.56) Length, Yellow
11/17/2022 |
|
1200795088
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 5 Poles, Female (90°) to Pigtail, 22 AWG, PUR Cable, 2.0m (6.56) Length
11/18/2022 |
|
1200795104
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 3 Poles, Female (90°) to Pigtail, 22 AWG, PUR/PVC Cable, 2.0m (6.56) Length
09/02/2022 |
|
1200795112
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, 22 AWG, PUR/ PVC Cable, 2.0m (6.56) Length
11/17/2022 |
|
1200795113
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 24 AWG PUR/PVC Cable, 2.0m (6.56) Length
08/30/2022 |
|
1200795115
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail, 24 AWG, PUR/PVC Cable, 2.0m (6.56) Length
11/17/2022 |
|
1200795116
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (90°) to Pigtail, 24 AWG, PUR/ PVC Cable, 2.0m (6.56) Length
11/17/2022 |
|
1200795117
|
27Kb / 2P |
Ultra-Lock (M12) Single-Ended Cordset, 12 Poles, Female (90°) to Pigtail, 26 AWG, PUR Cable, 2.0m (6.56) Length
11/17/2022 |
|
1200798013
|
27Kb / 1P |
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (90°) to Pigtail, 22 AWG, PUR Cable, 2.0m (6.56) Length
11/17/2022 |