Electronic Components Datasheet Search
  English  ▼

X  

LNK603 Datasheet (PDF) - Power Integrations, Inc.

LNK603 Datasheet PDF - Power Integrations, Inc.
Part # LNK603
Download  LNK603 Download
File Size   2187.06 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers

LNK603 Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK603 Datasheet PDF - Power Integrations, Inc.

Part # LNK603
Download  LNK603 Click to download

File Size   2187.06 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers

LNK603 Datasheet (HTML) - Power Integrations, Inc.


LNK603 Product details

Dramatically Simplifies CV/CC Converters
• Eliminates optocoupler and all secondary CV/CC control circuitry
• Eliminates all control loop compensation circuitry
Advanced Performance Features
• Compensates for transformer inductance tolerances
• Compensates for input line voltage variations
• Compensates for cable voltage drop (LNK61X series)
• Compensates for external component temperature variations
• Very tight IC parameter tolerances using proprietary trimming
technology
• Frequency jittering greatly reduces EMI filter cost
• Even tighter output tolerances achievable with external resistor
selection/trimming
• Programmable switching frequency up to 85 kHz to reduce transformer
size
Advanced Protection/Safety Features
• Auto-restart protection reduces power delivered by >95% for output
short-circuit and control loop faults (open and shorted components)
• Hysteretic thermal shutdown – automatic recovery reduces power
supply returns from the field
• Meets high-voltage creepage requirements between DRAIN and all
other pins both on the PCB and at the package
EcoSmart™– Energy Efficient
• Easily meets all global energy efficiency regulations
• No-load consumption below 30 mW at 230 VAC with optional
external bias winding
• ON/OFF control provides constant efficiency down to very light loads
– ideal for CEC and ENERGY STAR 2.0 regulations
• No current sense resistors – maximizes efficiency
Green Package
• Halogen free and RoHS compliant package
Applications
• Chargers for cell/cordless phones, PDAs, MP3/portable audio
devices, adapters, LED drivers, etc.




Similar Part No. - LNK603

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK603 POWERINT-LNK603 Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK603-606 POWERINT-LNK603-606 Datasheet
2Mb / 18P
Energy-Efficient, Accurate CV/CC Switcher
October 2020
LNK603/613PG/DG POWERINT-LNK603/613PG/DG Datasheet
2Mb / 18P
Energy-Efficient, Accurate CV/CC Switcher
October 2020
LNK603DG POWERINT-LNK603DG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
More results


Similar Description - LNK603

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
logo
FERYSTER Inductive Comp...
LNK603-606 FERYSTER-LNK603-606 Datasheet
726Kb / 20P
Energy-Effi cient, Accurate CV/CC Switcher for Adapters and Chargers
logo
Power Integrations, Inc...
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK4XXXS-TL POWERINT-LNK4XXXS-TL Datasheet
1Mb / 22P
Energy-Efficient, Accurate Primary-Side Regulated CV/CC Switcher for Adapters and Chargers
May 2018
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com