Electronic Components Datasheet Search
  English  ▼

X  

PCM-24R2GL-AE Datasheet (PDF) - Advantech Co., Ltd.

PCM-24R2GL-AE Datasheet PDF - Advantech Co., Ltd.
Part # PCM-24R2GL-AE
Download  PCM-24R2GL-AE Download
File Size   610.79 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 23.8" FHD TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/i5/i7 Processor, built-in 8G DDR4 RAM

PCM-24R2GL-AE Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM-24R2GL-AE Datasheet PDF - Advantech Co., Ltd.

Part # PCM-24R2GL-AE
Download  PCM-24R2GL-AE Click to download

File Size   610.79 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 23.8" FHD TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/i5/i7 Processor, built-in 8G DDR4 RAM

PCM-24R2GL-AE Datasheet (HTML) - Advantech Co., Ltd.


PCM-24R2GL-AE Product details

Features
ƒ Industrial-grade 23.8" FHD TFT LCD with 30K lifetime and LED backlight
ƒ 8th Gen. Intel® Core™ i3- 8145UE dual-core/ i5-8365UE quad-core/
i7-8665UE quad-core processor with built-in 8 GB DDR4 SO-DIMM
ƒ Dual channel memory slots support up to 64G in total
ƒ Compact, fanless embedded system with aluminum alloy front bezel and
chassis grounding protection
ƒ True-flat touchscreen with P-CAP multi-touch control and IP66-rated front
panel
ƒ Support expansion via Full-size Mini PCIe and two M.2 slots (NVMe, 5G)
ƒ Diverse system I/O and isolated digital I/O via iDoor technology
ƒ Support fieldbus protocols/GPS/GPRS/Wi-Fi capabilities via iDoor
technology
ƒ Support TPM2.0 hardware security




Similar Part No. - PCM-24R2GL-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
1Mb / 2P
Class I, Division 2 Certified ACP Ready ThinClient
4-May-2021
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
1Mb / 3P
Regular-Size Modular Box Platform (MBP) with Intel® Core™ i5-7300U Processor, 4 x GbE, 1 x mPCIe, 1 x HDMI, and 1 x DP
15-Jul-2020
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
1Mb / 2P
10.1" WXGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
5-Jan-2021
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
520Kb / 2P
12" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor
12-Jul-2022
PCM-24R2GL-AE ADVANTECH-PCM-24R2GL-AE Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
More results


Similar Description - PCM-24R2GL-AE

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT321W-502-PCT AXIOMTEK-GOT321W-502-PCT Datasheet
544Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with 7th/6th Gen Intel짰 Core??i7/i5/i3 Processor
logo
Advantech Co., Ltd.
TPC-315 ADVANTECH-TPC-315 Datasheet
596Kb / 2P
15 XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel짰 Core??i3/ i7 Processor, built-in 8G DDR4 RAM
17-Sep-2021
TPC-312 ADVANTECH-TPC-312 Datasheet
585Kb / 2P
12.1" XGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-317 ADVANTECH-TPC-317 Datasheet
595Kb / 2P
17" SXGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/ i5/ i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-1881WP ADVANTECH-TPC-1881WP Datasheet
745Kb / 2P
18.5" HD TFT LED LCD Multi-Touch Panel Computer with 4th Gen. Intel® Core™ i3/ i7 Processor
5-Jan-2021
TPC-1582H ADVANTECH-TPC-1582H Datasheet
713Kb / 2P
15" XGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
TPC-318WH ADVANTECH-TPC-318WH Datasheet
601Kb / 2P
18.5" WXGA TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i5 Processor, built-in 8G DDR4 RAM and UL Class 1 Division 2
16-Jan-2023
UTC-120 ADVANTECH-UTC-120_V01 Datasheet
1Mb / 4P
21.5" Ubiquitous Touch Computer UTC-120H with 8th Gen Intel® Core™ i5/i3 Processor
5-Dec-2022
UTC-124 ADVANTECH-UTC-124_V02 Datasheet
945Kb / 4P
23.8" Ubiquitous Touch Computer UTC-124I1 with 11th Gen Intel® Core™ i5/i3 Processor
25-Aug-2023
UTC-124 ADVANTECH-UTC-124_V03 Datasheet
1Mb / 4P
23.8" Ubiquitous Touch Computer UTC-124I3 with 11th Gen Intel® Core™ i7/i5/i3 Processor
25-Aug-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com