Electronic Components Datasheet Search
  English  ▼

X  

IRS4427S Datasheet (PDF) - Infineon Technologies AG

IRS4427S Datasheet PDF - Infineon Technologies AG
Part # IRS4427S
Download  IRS4427S Download
File Size   1064.8 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Single-channel low-side gate driver IC

IRS4427S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS4427S Datasheet PDF - Infineon Technologies AG

Part # IRS4427S
Download  IRS4427S Click to download

File Size   1064.8 Kbytes
Page   18 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Single-channel low-side gate driver IC

IRS4427S Datasheet (HTML) - Infineon Technologies AG


IRS4427S Product details

Features
 CMOS Schmitt-triggered inputs
 Under voltage lockout
 Single pin for fault output and enable
 Programmable fault clear time
 3.3 V, 5 V and 15 V input logic compatible
 25 V VCC voltage supply support (max)
 Output in phase with input
 -10 Vdc negative input capability of “IN” pin
 3 kV ESD HBM
 RoHS compliant




Similar Part No. - IRS4427S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS4427S IRF-IRS4427S Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
IRS4427S IRF-IRS4427S Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
logo
Infineon Technologies A...
IRS4427S INFINEON-IRS4427S Datasheet
369Kb / 17P
DUAL LOW SIDE DRIVER
February 28, 2011 Datasheet No-97481
logo
International Rectifier
IRS4427SPBF IRF-IRS4427SPBF Datasheet
356Kb / 19P
DUAL LOW SIDE DRIVER
IRS4427SPBF IRF-IRS4427SPBF Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
More results


Similar Description - IRS4427S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS44273L IRF-IRS44273L Datasheet
1Mb / 15P
Single Low-Side Driver IC
IRS44273L IRF-IRS44273L_15 Datasheet
461Kb / 15P
Single Low-Side Driver IC
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
Sanken electric
SSC4S701 SANKEN-SSC4S701 Datasheet
1Mb / 12P
Low-side Gate Driver IC
logo
Infineon Technologies A...
1ED44176N01F INFINEON-1ED44176N01F Datasheet
968Kb / 20P
Single-channel low-side gate driver IC with over-current protection
V 2.2 2019-10-15
IRS44273LPBF INFINEON-IRS44273LPBF Datasheet
588Kb / 15P
Single Low-Side Driver IC
January 15, 2015
1ED44173N01B INFINEON-1ED44173N01B Datasheet
1Mb / 20P
Single-channel low-side MOSFET gate driver IC with fast OCP
Datasheet 1.0 2020-04-01
1ED44175N01B INFINEON-1ED44175N01B Datasheet
1Mb / 19P
Single-channel low-side IGBT gate driver IC with over-current protection
V 1.1 2020-04-15
IR44273LPBF INFINEON-IR44273LPBF Datasheet
514Kb / 14P
SOT-23 Single Low-Side Gate Driver IC
January 14, 2019
2ED24427N01F INFINEON-2ED24427N01F Datasheet
1Mb / 21P
10 A dual -channel low-side gate driver IC
V 2.0 2019-11-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com