Electronic Components Datasheet Search
  English  ▼

X  

ADM3073EYRZ Datasheet (PDF) - Analog Devices

ADM3073EYRZ Datasheet PDF - Analog Devices
Part # ADM3073EYRZ
Download  ADM3073EYRZ Download
File Size   466.62 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers

ADM3073EYRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3073EYRZ Datasheet PDF - Analog Devices

Part # ADM3073EYRZ
Download  ADM3073EYRZ Click to download

File Size   466.62 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers

ADM3073EYRZ Datasheet (HTML) - Analog Devices


ADM3073EYRZ Product details

FEATURES
TIA/EIA RS-485/RS-422 compliant
±15 kV ESD protection on RS-485 input/output pins
Data rates
ADM3070E/ADM3071E/ADM3072E: 250 kbps
ADM3073E/ADM3074E/ADM3075E: 500 kbps
ADM3076E/ADM3077E/ADM3078E: 16 Mbps
Half- and full-duplex options
True fail-safe receiver inputs
Up to 256 nodes on the bus
−40°C to +125°C temperature option
Hot-swap input structure on DE and RE pins
Reduced slew rates for low EMI
Low power shutdown current (all except ADM3071E/ ADM3074E/ADM3077E)
Outputs high-Z when disabled or powered off
Common-mode input range: −7 V to +12 V
Thermal shutdown and short-circuit protection
8-lead and 14-lead narrow SOIC packages

APPLICATIONS
Power/energy metering
Industrial control
Lighting systems
Telecommunications
Security systems
Instrumentation




Similar Part No. - ADM3073EYRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3073EYRZ AD-ADM3073EYRZ Datasheet
622Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
ADM3073EYRZ AD-ADM3073EYRZ Datasheet
528Kb / 20P
3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
622Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
ADM3073EYRZ-REEL7 AD-ADM3073EYRZ-REEL7 Datasheet
528Kb / 20P
3.3 V, 15,-15 kV ESD-Protected
Rev. E
More results


Similar Description - ADM3073EYRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. 0 to Rev. A
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. A to Rev. B
ADM485E AD-ADM485E Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com