Electronic Components Datasheet Search
  English  ▼

X  

TPS748A Datasheet (PDF) - Texas Instruments

TPS748A Datasheet PDF - Texas Instruments
Part # TPS748A
Download  TPS748A Download
File Size   1976.45 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS748A Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS748A Datasheet PDF - Texas Instruments

Part # TPS748A
Download  TPS748A Click to download

File Size   1976.45 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS748A 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start

TPS748A Datasheet (HTML) - Texas Instruments


TPS748A Product details

1 Features
• VOUT range: 0.8 V to 3.6 V
• Ultra-low VIN range: 0.8 V to 6.0 V
• VBIAS range: 2.7 V to 6.0 V
• Low dropout: 75 mV typical at 1.5 A, VBIAS = 5 V
• Power-good (PG) output allows supply monitoring
or provides a sequencing signal for other supplies
• 0.85% accuracy over line, load, and temperature
• Programmable soft-start provides linear voltage
start-up
• VBIAS permits low VIN operation with good transient
response
• Stable with any output capacitor ≥ 10 μF
• Available in small, 3-mm × 3-mm × 1-mm
VSON-10 packages
2 Applications




Similar Part No. - TPS748A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS748A TI-TPS748A Datasheet
2Mb / 31P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748A TI-TPS748A Datasheet
2Mb / 38P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED MAY 2023
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 31P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 38P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED MAY 2023
TPS748A-Q1 TI-TPS748A-Q1_V01 Datasheet
2Mb / 38P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED MAY 2023
More results


Similar Description - TPS748A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS748 TI-TPS748_15 Datasheet
1Mb / 38P
TPS748 1.5-A Low-Dropout Linear Regulator With Programmable Soft-Start
TPS7A74 TI-TPS7A74 Datasheet
2Mb / 39P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
TPS7A74 TI-TPS7A74_V01 Datasheet
2Mb / 42P
TPS7A74 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED AUGUST 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
11-Nov-2020
logo
Texas Instruments
TPS748A-Q1 TI-TPS748A-Q1 Datasheet
2Mb / 31P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
DECEMBER 2022
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
1.5 A low-dropout linear regulator with programmable soft-start
06-Dec-2022
logo
Texas Instruments
TPS748A-Q1 TI-TPS748A-Q1_V01 Datasheet
2Mb / 38P
TPS748A-Q1 Automotive, 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED MAY 2023
TPS748 TI-TPS748 Datasheet
3Mb / 47P
TPS748 1.5-A, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com