Electronic Components Datasheet Search
  English  ▼

X  

OPT3005DTSR Datasheet (PDF) - Texas Instruments

OPT3005DTSR Datasheet PDF - Texas Instruments
Part # OPT3005DTSR
Download  OPT3005DTSR Download
File Size   1249.34 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras

OPT3005DTSR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPT3005DTSR Datasheet PDF - Texas Instruments

Part # OPT3005DTSR
Download  OPT3005DTSR Click to download

File Size   1249.34 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT3005 Ambient Light Sensor (ALS) for Video Surveillance Cameras

OPT3005DTSR Datasheet (HTML) - Texas Instruments


OPT3005DTSR Product details

1 Features
• Precision optical filtering to match human eye:
– Rejects 99.99+% (4+ orders) of Near Infrared
(NIR) light over a large angle of incidence
• Built-in automatic full-scale light range selection
logic, which switches measurement range based
on input light condition with excellent gain
matching between ranges
• Measurements: 20 mlux to 167 klux
• 23-Bit Effective dynamic range with
automatic gain ranging
• 12 Binary-weighted full-scale range settings:
< 0.2% (typical) matching between ranges
• Low operating current: 1.8 μA (Typical)
• Operating temperature range: –40°C to +85°C
• Wide power-supply range: 1.6 V to 3.6 V
• 5.5-V Tolerant I/O
• Flexible interrupt system
• Small-form factor:
– 2.1 mm × 1.9 mm × 0.6 mm for SOT-5X3
package

2 Applications
• IP Network cameras
• Security Camera
• Video door bell
• Applications requiring light sensing along with
850nm or 940nm active NIR illumination

3 Description
The OPT3005 is a sensor that measures the intensity
of visible light. The spectral response of the sensor
tightly matches the photopic response of the human
eye along with extreme rejection to 850nm and
940nm infrared light over a wide angle of incidence.
The OPT3005 is a single-chip lux meter, measuring
the intensity of light as visible by the human eye. The
precision spectral response and extreme IR rejection
of the device enables the OPT3005 to accurately
meter the intensity of light as seen by the human eye
regardless of light source and any stray light from
850nm or 940nm active illumination. The extreme IR
rejection also helps to maintain high accuracy when
industrial design calls for mounting the sensor under
dark glass, especially with active 850nm or 940nm
NIR illumination. Such systems typically have a lot of
NIR stray reflections from the cover glass which can
affect the light sensor measurement. The precision
optical filtering of OPT3005 is verified for resilience
to such stray NIR refection and truly measures
the ambient light as perceived by human eye. The
OPT3005 is designed for systems that create lightbased
experiences for humans, and is a preferred
replacement for photodiodes, photoresistors, or other
ambient light sensors with less human eye matching
and IR rejection.
Measurements can be made from 20mlux up to
166klux without manually selecting full-scale ranges
by using the built-in, full-scale setting feature. This
capability allows light measurement over a 23-bit
effective dynamic range.




Similar Part No. - OPT3005DTSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
OPT3001 TI2-OPT3001 Datasheet
849Kb / 44P
OPT3001 Ambient Light Sensor (ALS)
REVISED NOVEMBER 2017
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
More results


Similar Description - OPT3005DTSR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Texas Instruments
OPT3001 TI-OPT3001_15 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
logo
STMicroelectronics
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
Texas Instruments
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
Ambient Light Sensor (ALS)
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
ALS, Light-to-Digital Sensor
logo
Texas Instruments
OPT3004 TI1-OPT3004 Datasheet
758Kb / 40P
Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
logo
ams AG
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
ALS, Light-to-Digital Sensor
2019-Mar-20
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
ALS, Light-to-Digital Sensor
2018-Jan-23
logo
Texas Instruments
OPT3004 TI-OPT3004_V01 Datasheet
2Mb / 47P
OPT3004 Ambient Light Sensor (ALS) With Excellent Angular IR Rejection
DECEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com