Electronic Components Datasheet Search
  English  ▼

X  

ISL99227 Datasheet (PDF) - Renesas Technology Corp

ISL99227 Datasheet PDF - Renesas Technology Corp
Part # ISL99227
Download  ISL99227 Download
File Size   1898.15 Kbytes
Page   100 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Single Output,12-Phase PWM Controller

ISL99227 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL99227 Datasheet PDF - Renesas Technology Corp

Part # ISL99227
Download  ISL99227 Click to download

File Size   1898.15 Kbytes
Page   100 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Single Output,12-Phase PWM Controller

ISL99227 Datasheet (HTML) - Renesas Technology Corp


ISL99227 Product details

Features
Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high frequency current balance
Flexible phase assignment from 1 to 12 phases
Up to 2MHz switching frequency operation for high
density designs
Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
Highly accurate current sensing for excellent
load-line regulation and accurate OCP
○ Supports the full range of Renesas Smart Power
Stage (SPS) devices
Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
Intuitive configuration using PowerNavigator
SMBus/PMBus V1.3 compatible
Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)




Similar Part No. - ISL99227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99227 INTERSIL-ISL99227 Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99227 INTERSIL-ISL99227 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
ISL99227 RENESAS-ISL99227 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL99227 RENESAS-ISL99227 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
More results


Similar Description - ISL99227

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68221 RENESAS-ISL68221 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
ISL68226 RENESAS-ISL68226 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
ISL68229 RENESAS-ISL68229 Datasheet
1Mb / 107P
Digital Triple Output, 12-Phase PWM Controller
Jul 21, 2022
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com