Electronic Components Datasheet Search
  English  ▼

X  

2037026600 Datasheet (PDF) - Molex Electronics Ltd.

2037026600 Datasheet PDF - Molex Electronics Ltd.
Part # 2037026600
Download  2037026600 Download
File Size   32.46 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for KK Plus 300 Receptacle Terminal, 18-20 AWG Wires with Smaller Insulation

2037026600 Datasheet (PDF)

Go To PDF Page Download Datasheet
2037026600 Datasheet PDF - Molex Electronics Ltd.

Part # 2037026600
Download  2037026600 Click to download

File Size   32.46 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for KK Plus 300 Receptacle Terminal, 18-20 AWG Wires with Smaller Insulation

2037026600 Datasheet (HTML) - Molex Electronics Ltd.


2037026600 Product details

General
Product Family Application Tooling
Series 207127
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name FineAdjust, KK Plus
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 193264483495
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 2037026600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2037026000 MOLEX-2037026000 Datasheet
604Kb / 5P
FineAdjust Applicator for Micro-One Wire-to-Board Terminal
06-09-20
2037026200 MOLEX-2037026200 Datasheet
47Kb / 2P
FineAdjust Applicator for Mini-Fit Double Crimp Applications Using Two 20 & 22 AWG, 20 & 20 AWG, or 18 & 22 AWG Wires
2037026200 MOLEX-2037026200 Datasheet
47Kb / 2P
FineAdjust Applicator for Mini-Fit Double Crimp Applications Using Two 20 & 22 AWG, 20 & 20 AWG, or 18 & 22 AWG Wires
11/02/2021
2037026200 MOLEX-2037026200_V01 Datasheet
47Kb / 2P
FineAdjust Applicator for Mini-Fit Double Crimp Applications Using Two 20 & 22 AWG, 20 & 20 AWG, or 18 & 22 AWG Wires
11/02/2021
2037026300 MOLEX-2037026300 Datasheet
48Kb / 2P
FineAdjust Applicator for Mini-Fit Double Crimp Applications Using Two 22 AWG Wires
More results


Similar Description - 2037026600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-0800 MOLEX11-63900-0800 Datasheet
50Kb / 1P
FineAdjust Applicator for MX150 Receptacle, 18 AWG Wire
63901-2900 MOLEX11-63901-2900 Datasheet
39Kb / 1P
FineAdjust Applicator for two 20 AWG - UL 1007 wires
63903-2800 MOLEX11-63903-2800 Datasheet
37Kb / 1P
FineAdjust Applicator for Ultra-Fit Terminals, 16-18 AWG (UL1061) wires
63903-2900 MOLEX11-63903-2900 Datasheet
37Kb / 1P
FineAdjust Applicator for Ultra-Fit Terminals, 20-22 AWG (UL1061) wires
0639013000 MOLEX11-0639013000 Datasheet
32Kb / 1P
FineAdjust Applicator for two 20 AWG - UL 1015 wires
0639012900 MOLEX-0639012900 Datasheet
33Kb / 2P
FineAdjust Applicator for two 20 AWG - UL 1007 wires
08/26/2022
0639015600 MOLEX-0639015600 Datasheet
36Kb / 3P
FineAdjust Applicator for 18-20 AWG and 18-24 AWG Wires with Insulation Diameter 1.90-2.30mm
08/26/2022
0639047500 MOLEX-0639047500 Datasheet
32Kb / 1P
FineAdjust Applicator for KK Plus 250 Female Crimp Terminal, 26-28 AWG, UL1007 Wire
08/25/2022
0639047600 MOLEX-0639047600 Datasheet
32Kb / 1P
FineAdjust Applicator for KK Plus 250 Female Crimp Terminal, 22-24 AWG, UL1007 Wire
08/25/2022
2037023400 MOLEX-2037023400 Datasheet
33Kb / 2P
FineAdjust Applicator for Micro-Fit Crimp Terminals, 18 AWG, UL1061 Wires
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com