Electronic Components Datasheet Search
  English  ▼

X  

1952377 Datasheet (PDF) - PHOENIX CONTACT

1952377 Datasheet PDF - PHOENIX CONTACT
Part # 1952377
Download  1952377 Download
File Size   1034.49 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - FMC 1,5/13-ST-3,5

1952377 Datasheet (PDF)

Go To PDF Page Download Datasheet
1952377 Datasheet PDF - PHOENIX CONTACT

Part # 1952377
Download  1952377 Click to download

File Size   1034.49 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - FMC 1,5/13-ST-3,5

1952377 Datasheet (HTML) - PHOENIX CONTACT


1952377 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 13,
number of rows: 1, number of positions: 13, number of connections: 13, product range: FMC
1,5/..-ST, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without, mounting:
without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Operation and conductor connection from one direction enable integration into front of device




Similar Part No. - 1952377

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952306 PHOENIX-1952306 Datasheet
397Kb / 12P
MC 1,5/ 6-G-3,5 P26 THR
1952319 PHOENIX-1952319 Datasheet
1Mb / 19P
Printed-circuit board connector - FMC 1,5/ 7-ST-3,5
Jul 21, 2022
1952322 PHOENIX-1952322 Datasheet
402Kb / 12P
MC 1,5/ 8-G-3,5 P26 THR
1952335 PHOENIX-1952335 Datasheet
1Mb / 20P
Printed-circuit board connector - FMC 1,5/ 9-ST-3,5
Dec 30, 2022
1952348 PHOENIX-1952348 Datasheet
245Kb / 14P
Printed-circuit board connector - FMC 1,5/10-ST-3,5
More results


Similar Description - 1952377

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952348 PHOENIX-1952348 Datasheet
245Kb / 14P
Printed-circuit board connector - FMC 1,5/10-ST-3,5
1952131 PHOENIX-1952131 Datasheet
71Kb / 4P
Printed-circuit board connector - FMC 1,5/13-ST-3,5-RF
1966208 PHOENIX-1966208 Datasheet
151Kb / 10P
Printed-circuit board connector - FMC 1,5/13-STF-3,5
09/12/2020
1952319 PHOENIX-1952319 Datasheet
1Mb / 19P
Printed-circuit board connector - FMC 1,5/ 7-ST-3,5
Jul 21, 2022
1952335 PHOENIX-1952335 Datasheet
1Mb / 20P
Printed-circuit board connector - FMC 1,5/ 9-ST-3,5
Dec 30, 2022
1952364 PHOENIX-1952364 Datasheet
1Mb / 19P
Printed-circuit board connector - FMC 1,5/12-ST-3,5
Jul 21, 2022
1952403 PHOENIX-1952403 Datasheet
1Mb / 18P
Printed-circuit board connector - FMC 1,5/16-ST-3,5
Jan 5, 2023
1952432 PHOENIX-1952432 Datasheet
1Mb / 19P
Printed-circuit board connector - FMC 1,5/19-ST-3,5
Jan 10, 2023
1952445 PHOENIX-1952445 Datasheet
1Mb / 18P
Printed-circuit board connector - FMC 1,5/20-ST-3,5
Jan 3, 2023
1952429 PHOENIX-1952429 Datasheet
1Mb / 19P
FMC 1,5/18-ST-3,5 - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com