Electronic Components Datasheet Search
  English  ▼

X  

1706439 Datasheet (PDF) - PHOENIX CONTACT

1706439 Datasheet PDF - PHOENIX CONTACT
Part # 1706439
Download  1706439 Download
File Size   411.53 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 3/ 2-B-5,08 BU

1706439 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706439 Datasheet PDF - PHOENIX CONTACT

Part # 1706439
Download  1706439 Click to download

File Size   411.53 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 3/ 2-B-5,08 BU

1706439 Datasheet (HTML) - PHOENIX CONTACT


1706439 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
MKDS 3/..-B, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
blue, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1, type
of packaging: packed in cardboard. Connections internally jumpered

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Internal bridging for easily looping through potentials
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1706439

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706430 PHOENIX-1706430 Datasheet
208Kb / 7P
MC 1,5/ 4-GF-3,5 P26AUTHR - PCB header
More results


Similar Description - 1706439

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706442 PHOENIX-1706442 Datasheet
110Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08 BU
1707865 PHOENIX-1707865 Datasheet
79Kb / 5P
PCB terminal block - MKDS 1,5/ 3-B-5,08 BU
1707917 PHOENIX-1707917 Datasheet
110Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08
1711220 PHOENIX-1711220 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 2 BU
1711835 PHOENIX-1711835 Datasheet
101Kb / 6P
PCB terminal block - MKDS 3/ 3-5,08 BU
1715776 PHOENIX-1715776 Datasheet
56Kb / 5P
PCB terminal block - MKDS 1,5/ 2-5,08 BU
1715792 PHOENIX-1715792 Datasheet
65Kb / 5P
PCB terminal block - MKDS 1,5/ 3-5,08 BU
1706471 PHOENIX-1706471 Datasheet
395Kb / 10P
PCB terminal block - MKDS 3/ 2-B-5,08 GNYE
Jan 5, 2023
1707904 PHOENIX-1707904 Datasheet
363Kb / 10P
MKDS 3/ 2-B-5,08 - PCB terminal block
1868746 PHOENIX-1868746 Datasheet
364Kb / 10P
MKDS 1,5/ 3-B-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com