Electronic Components Datasheet Search
  English  ▼

X  

570-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

570-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 570-SERIES
Download  570-SERIES Download
File Size   590.04 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 570 Series IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch

570-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
570-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 570-SERIES
Download  570-SERIES Click to download

File Size   590.04 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 570 Series IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch

570-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


570-SERIES Product details

Features

    5.8mm pitch, rated current: 10A max
  • Fully waterproof solution
  • Available in wire to wire and wire to board options
  • Available in 1, 2, or 3 positions
  • True crimp and poke solution
  • Internal polarization to prevent mismating
  • Available with wire already installed
  • Wide range of wire sizes available
  • Waterproof Grade: IP67 Certified




Similar Part No. - 570-SERIES

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
570-001-000-100 DIALIGHT-570-001-000-100 Datasheet
196Kb / 2P
WATERPROOF CONNECTOR
logo
EDAC, All Rights Reserv...
570-001-000-100 EDAC-570-001-000-100 Datasheet
130Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
logo
Dialight Corporation
570-001-000-101 DIALIGHT-570-001-000-101 Datasheet
196Kb / 2P
WATERPROOF CONNECTOR
570-001-000-200 DIALIGHT-570-001-000-200 Datasheet
196Kb / 2P
WATERPROOF CONNECTOR
logo
EDAC, All Rights Reserv...
570-001-000-200 EDAC-570-001-000-200 Datasheet
119Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
More results


Similar Description - 570-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
570-001-420-101 EDAC-570-001-420-101 Datasheet
113Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-001-000-100 EDAC-570-001-000-100 Datasheet
130Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-001-000-200 EDAC-570-001-000-200 Datasheet
119Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-002-000-100 EDAC-570-002-000-100 Datasheet
143Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-002-000-200 EDAC-570-002-000-200 Datasheet
131Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-002-420-101 EDAC-570-002-420-101 Datasheet
120Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-003-000-100 EDAC-570-003-000-100 Datasheet
160Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-003-000-200 EDAC-570-003-000-200 Datasheet
143Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
570-003-420-101 EDAC-570-003-420-101 Datasheet
124Kb / 1P
570 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
572-001-000-400 EDAC-572-001-000-400 Datasheet
128Kb / 1P
572 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch | Double Latch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com