Electronic Components Datasheet Search
  English  ▼

X  

080MS22ACMK1STD Datasheet (PDF) - Kemet Corporation

080MS22ACMK1STD Datasheet PDF - Kemet Corporation
Part # 080MS22ACMK1STD
Download  080MS22ACMK1STD Download
File Size   589.52 Kbytes
Page   7 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description MS/MD, 60°C/70°C

080MS22ACMK1STD Datasheet (PDF)

Go To PDF Page Download Datasheet
080MS22ACMK1STD Datasheet PDF - Kemet Corporation

Part # 080MS22ACMK1STD
Download  080MS22ACMK1STD Click to download

File Size   589.52 Kbytes
Page   7 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description MS/MD, 60°C/70°C

080MS22ACMK1STD Datasheet (HTML) - Kemet Corporation


080MS22ACMK1STD Product details

Benefits
• Intermittent AC motor starting
• 6.3 mm double amp tags (quick connect types)
• VDE approved to IEC 60252–2




Similar Part No. - 080MS22ACMK1STD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
080MS22ABMA1STD KEMET-080MS22ABMA1STD Datasheet
66Kb / 1P
Aluminum Electrolytic, Motor Start, MS/A902, 80 uF, -0/25%, 220 V, -20/60C
More results


Similar Description - 080MS22ACMK1STD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240115 PHOENIX-3240115 Datasheet
50Kb / 3P
Ring cable lug - C-RC 70/M6 DIN
3240116 PHOENIX-3240116 Datasheet
83Kb / 3P
C-RC 70/M8 DIN
3240117 PHOENIX-3240117 Datasheet
83Kb / 3P
C-RC 70/M10 DIN
logo
List of Unclassifed Man...
T0050101399 ETC2-T0050101399 Datasheet
330Kb / 2P
RTP 001 C MS
T0050101599 ETC2-T0050101599 Datasheet
364Kb / 2P
RTP 002 C MS
T0050101699 ETC2-T0050101699 Datasheet
363Kb / 2P
RTP 004 C MS
T0050104999 ETC2-T0050104999 Datasheet
354Kb / 2P
RTU 004 C MS
T0050105099 ETC2-T0050105099 Datasheet
351Kb / 2P
RTU 008 C MS
T0050105199 ETC2-T0050105199 Datasheet
351Kb / 2P
RTU 016 C MS
logo
Lapp.
0046701 LAPP-0046701 Datasheet
74Kb / 1P
OLFLEX® HEAT 180 C MS
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com