Electronic Components Datasheet Search
  English  ▼

X  

1715736 Datasheet (PDF) - PHOENIX CONTACT

1715736 Datasheet PDF - PHOENIX CONTACT
Part # 1715736
Download  1715736 Download
File Size   332.24 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DFMC 0,5/ 4-ST-2,54-RF

1715736 Datasheet (PDF)

Go To PDF Page Download Datasheet
1715736 Datasheet PDF - PHOENIX CONTACT

Part # 1715736
Download  1715736 Click to download

File Size   332.24 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - DFMC 0,5/ 4-ST-2,54-RF

1715736 Datasheet (HTML) - PHOENIX CONTACT


1715736 Product details

PCB connector, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Gold, type of contact: Female connector, number of potentials: 8,
number of rows: 2, number of positions: 4, number of connections: 8, product range: DFMC 0,5/..
-ST-RF, pitch: 2.54 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON DFMC 0,5, locking: Snap-in locking,
mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Optimized for tight installation situations: operation and conductor connection from one direction
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1715736

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
171573 MOLEX1-171573 Datasheet
43Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171573 MOLEX1-171573 Datasheet
43Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171573 MOLEX1-171573 Datasheet
43Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171573 MOLEX1-171573 Datasheet
44Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
171573 MOLEX1-171573 Datasheet
44Kb / 2P
Impact 100 Ohm Right-Angle Orthogonal Direct Header
More results


Similar Description - 1715736

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1844594 PHOENIX-1844594 Datasheet
93Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 4-ST-2,54
1844604 PHOENIX-1844604 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 5-ST-2,54
1844646 PHOENIX-1844646 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 9-ST-2,54
1844675 PHOENIX-1844675 Datasheet
236Kb / 11P
Printed-circuit board connector - DFMC 0,5/12-ST-2,54
1844691 PHOENIX-1844691 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/14-ST-2,54
1844620 PHOENIX-1844620 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 7-ST-2,54
1844581 PHOENIX-1844581 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 3-ST-2,54
1844659 PHOENIX-1844659 Datasheet
93Kb / 4P
Printed-circuit board connector - DFMC 0,5/10-ST-2,54
1715735 PHOENIX-1715735 Datasheet
437Kb / 15P
DFMC 0,5/ 3-ST-2,54-RF - PCB connector
1715738 PHOENIX-1715738 Datasheet
438Kb / 15P
DFMC 0,5/ 6-ST-2,54-RF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com