Electronic Components Datasheet Search
  English  ▼

X  

1858060 Datasheet (PDF) - PHOENIX CONTACT

1858060 Datasheet PDF - PHOENIX CONTACT
Part # 1858060
Download  1858060 Download
File Size   974.7 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - IMC 1,5/ 5-STGF-3,81

1858060 Datasheet (PDF)

Go To PDF Page Download Datasheet
1858060 Datasheet PDF - PHOENIX CONTACT

Part # 1858060
Download  1858060 Click to download

File Size   974.7 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - IMC 1,5/ 5-STGF-3,81

1858060 Datasheet (HTML) - PHOENIX CONTACT


1858060 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 5,
number of rows: 1, number of positions: 5, number of connections: 5, product range: IMC 1,5/..-
STGF, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1,
plug-in system: COMBICON MC 1,5, locking: Screw locking, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
• Allows connection of two conductors
• Screwable flange for superior mechanical stability




Similar Part No. - 1858060

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185806 FESTO-185806 Datasheet
96Kb / 1P
Air preparation unit
More results


Similar Description - 1858060

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1857977 PHOENIX-1857977 Datasheet
110Kb / 8P
Printed-circuit board connector - IMC 1,5/11-ST-3,81
1858057 PHOENIX-1858057 Datasheet
105Kb / 7P
Printed-circuit board connector - IMC 1,5/ 4-STGF-3,81
1858099 PHOENIX-1858099 Datasheet
103Kb / 7P
Printed-circuit board connector - IMC 1,5/ 8-STGF-3,81
1858170 PHOENIX-1858170 Datasheet
103Kb / 7P
Printed-circuit board connector - IMC 1.5/16-STGF-3.81
1714524 PHOENIX-1714524 Datasheet
55Kb / 4P
Printed-circuit board connector - IMC 1,5/ 3-ST-3,81 CRWH
1722354 PHOENIX-1722354 Datasheet
72Kb / 4P
Printed-circuit board connector - IMC 1,5/ 5-ST-3,81 GY7035BDNZ
1858125 PHOENIX-1858125 Datasheet
75Kb / 5P
Printed-circuit board connector - IMC 1,5/11-STGF-3,81
1918764 PHOENIX-1918764 Datasheet
58Kb / 5P
Printed-circuit board connector - IMC 1,5/ 6-ST-3,81 BK
1981034 PHOENIX-1981034 Datasheet
57Kb / 4P
Printed-circuit board connector - IMC 1,5/ 4-ST-3,81 BU
1943263 PHOENIX-1943263 Datasheet
100Kb / 4P
Printed-circuit board connector - IMC 1,5/ 2-ST-3,81 AU
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com