Electronic Components Datasheet Search
  English  ▼

X  

1851999 Datasheet (PDF) - PHOENIX CONTACT

1851999 Datasheet PDF - PHOENIX CONTACT
Part # 1851999
Download  1851999 Download
File Size   580.46 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 2-ST-3,81 AU

1851999 Datasheet (PDF)

Go To PDF Page Download Datasheet
1851999 Datasheet PDF - PHOENIX CONTACT

Part # 1851999
Download  1851999 Click to download

File Size   580.46 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/ 2-ST-3,81 AU

1851999 Datasheet (HTML) - PHOENIX CONTACT


1851999 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Gold, type of contact: Female connector, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: MC 1,5/..-
ST, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1, plug-in
system: COMBICON MC 1,5, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1851999

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1851902 PHOENIX-1851902 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 AU
1851986 PHOENIX-1851986 Datasheet
41Kb / 2P
Printed-circuit board connector - DFK-MSTB 2,5/ 4-G A0
More results


Similar Description - 1851999

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803578 PHOENIX-1803578 Datasheet
143Kb / 6P
MC 1,5/ 2-ST-3,81
1803620 PHOENIX-1803620 Datasheet
144Kb / 6P
MC 1,5/ 7-ST-3,81
1803633 PHOENIX-1803633 Datasheet
144Kb / 6P
MC 1,5/ 8-ST-3,81
1803646 PHOENIX-1803646 Datasheet
144Kb / 6P
MC 1,5/ 9-ST-3,81
1803675 PHOENIX-1803675 Datasheet
144Kb / 6P
MC 1,5/12-ST-3,81
1860883 PHOENIX-1860883 Datasheet
129Kb / 6P
Plug - MC 1,5/ 5-ST-3,81 AU
1832289 PHOENIX-1832289 Datasheet
67Kb / 2P
MC 1,5/ 2-ST-3,81 BK BDWH:-,
1840337 PHOENIX-1840337 Datasheet
1Mb / 20P
PCB connector - MC 1,5/18-ST-3,81
Jul 21, 2022
1894655 PHOENIX-1894655 Datasheet
414Kb / 11P
PCB connector - MC 1,5/ 2-ST-3,5 AU
Nov 30, 2022
1840324 PHOENIX-1840324 Datasheet
1Mb / 20P
MC 1,5/17-ST-3,81 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com