Electronic Components Datasheet Search
  English  ▼

X  

74VHC132FT Datasheet (PDF) - Toshiba Semiconductor

74VHC132FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC132FT
Download  74VHC132FT Download
File Size   155.62 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC132FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC132FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC132FT
Download  74VHC132FT Click to download

File Size   155.62 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC132FT Datasheet (HTML) - Toshiba Semiconductor


74VHC132FT Product details

Functional Description
• Quad 2-Input Schmitt NAND Gate

General
The 74VHC132FT is an advanced high speed CMOS 2-INPUT SCHMITT NAND GATE fabricated with silicon
gate C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
Pin configuration and function are the same as the 74VHC00FT but the inputs have hysteresis and with its
schmitt trigger function, the 74VHC132FT can be used as a line receivers which will receive slow input signals.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages.

Features
(1) AEC-Q100 (Rev. H) (Note 1)
(2) Wide operating temperature range: Topr = -40 to 125 
(3) High speed: tpd = 4.9 ns (typ.) at VCC = 5 V
(4) Low power dissipation: ICC = 2.0 μA (max) at Ta = 25 
(5) Power down protection is provided on all inputs.
(6) Balanced propagation delays: tPLH ≈ tPHL
(7) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V
(8) Low noise: VOLP = 0.8 V (max)
(9) Pin and function compatible with 74ALS132




Similar Part No. - 74VHC132FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Jun-1999
logo
Fairchild Semiconductor
74VHC132 FAIRCHILD-74VHC132 Datasheet
77Kb / 6P
Quad 2-Input NAND Schmitt Trigger
74VHC132 FAIRCHILD-74VHC132 Datasheet
101Kb / 8P
Quad 2-Input NAND Schmitt Trigger
74VHC132 FAIRCHILD-74VHC132 Datasheet
226Kb / 9P
Quad 2-Input NAND Schmitt Trigger
logo
STMicroelectronics
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
235Kb / 11P
QUAD 2-INPUT SCHMITT NAND GATE
12-Nov-2004
More results


Similar Description - 74VHC132FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com