Electronic Components Datasheet Search
  English  ▼

X  

2702875 Datasheet (PDF) - PHOENIX CONTACT

2702875 Datasheet PDF - PHOENIX CONTACT
Part # 2702875
Download  2702875 Download
File Size   1196.59 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Wireless set - ILB BT ADIO MUX

2702875 Datasheet (PDF)

Go To PDF Page Download Datasheet
2702875 Datasheet PDF - PHOENIX CONTACT

Part # 2702875
Download  2702875 Click to download

File Size   1196.59 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Wireless set - ILB BT ADIO MUX

2702875 Datasheet (HTML) - PHOENIX CONTACT


2702875 Product details

Wireless MUX set, two modules with 16 digital inputs and outputs and 2 analog inputs and
outputs (0 ... 20 mA, 0 ... 10 V) each, RSMA (female) antenna connection, without antennas

Product Description
The Wireless MUX transmits 16 digital and 2 analog signals bidirectionally. The Wireless MUX is supplied ready to use: Unpack – connect – switch
on – and you have a working wireless path.

Your advantages
• Wireless diagnostics by means of bar graph
• Range of 50 m ... 100 m in industrial halls with omnidirectional antennas and up to 400 m outdoors with directional antennas
• Quick connection establishment and signal transmission
• Current Bluetooth 4.0 technology
• Plug and play - startup without configuration
• It couldn't be simpler: unpack – connect – switch on




Similar Part No. - 2702875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702877 PHOENIX-2702877 Datasheet
442Kb / 15P
Wireless module - RAD-900-DAIO6
Dec 6, 2022
2702878 PHOENIX-2702878 Datasheet
966Kb / 35P
Wireless module - RAD-900-IFS-AU
Dec 6, 2022
2702879 PHOENIX-2702879 Datasheet
443Kb / 11P
Protocol converter - GW PL HART4-R-BUS
Dec 2, 2022
More results


Similar Description - 2702875

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
Wireless Communications Test Set
logo
Keysight Technologies
E7523A KEYSIGHT-E7523A Datasheet
1Mb / 10P
UXM Wireless Test Set
E7623A KEYSIGHT-E7623A Datasheet
1Mb / 10P
UXM Wireless Test Set
V9064B KEYSIGHT-V9064B Datasheet
3Mb / 23P
EXM Wireless Test Set
logo
PHOENIX CONTACT
2737614 PHOENIX-2737614 Datasheet
54Kb / 4P
Wireless set - FLM BT DIO 8/8 M12-P2P-SET
2884208 PHOENIX-2884208 Datasheet
212Kb / 9P
Wireless set - ILB BT ADIO MUX-OMNI
2884282 PHOENIX-2884282 Datasheet
115Kb / 6P
ILB BT ADIO 2/2/16/16
2884509 PHOENIX-2884509 Datasheet
111Kb / 6P
ILB BT ADIO MUX-PANEL
2884363 PHOENIX-2884363 Datasheet
47Kb / 1P
Wireless set - WIRELESS MUX DEMO SET
11/05/2018
1005869 PHOENIX-1005869 Datasheet
395Kb / 14P
Wireless module - FL BT EPA 2
Dec 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com