Electronic Components Datasheet Search
  English  ▼

X  

M43P103KB30 Datasheet (PDF) - Vishay Siliconix

M43P103KB30 Datasheet PDF - Vishay Siliconix
Part # M43P103KB30
Download  M43P103KB30 Download
File Size   92.86 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/4 Rectangular (19 mm) Multi-Turn Cermet Trimmer

M43P103KB30 Datasheet (PDF)

Go To PDF Page Download Datasheet
M43P103KB30 Datasheet PDF - Vishay Siliconix

Part # M43P103KB30
Download  M43P103KB30 Click to download

File Size   92.86 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/4 Rectangular (19 mm) Multi-Turn Cermet Trimmer

M43P103KB30 Datasheet (HTML) - Vishay Siliconix


M43P103KB30 Product details

FEATURES
• 0.75 W at 70 °C
• Wide ohmic value range (10  to 5 M)
• Panel mount available
• Multi-finger wiper for better C.R.V.
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - M43P103KB30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M43P103KB40 VISHAY-M43P103KB40 Datasheet
123Kb / 2P
3/4 Rectangular (19mm) Multi-Turn Cermet Trimmer
05-Aug-04
M43P103KB40 VISHAY-M43P103KB40 Datasheet
110Kb / 4P
3/4 Rectangular (19 mm) Multi-Turn Cermet Trimmer
12-Sep-07
M43P103KB40T601 VISHAY-M43P103KB40T601 Datasheet
123Kb / 2P
3/4 Rectangular (19mm) Multi-Turn Cermet Trimmer
05-Aug-04
M43P103KB40T602 VISHAY-M43P103KB40T602 Datasheet
123Kb / 2P
3/4 Rectangular (19mm) Multi-Turn Cermet Trimmer
05-Aug-04
More results


Similar Description - M43P103KB30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M43P103KB40 VISHAY-M43P103KB40 Datasheet
123Kb / 2P
3/4 Rectangular (19mm) Multi-Turn Cermet Trimmer
05-Aug-04
43P103T601BO200E3 VISHAY-43P103T601BO200E3 Datasheet
110Kb / 4P
3/4 Rectangular (19 mm) Multi-Turn Cermet Trimmer
12-Sep-07
T18102KT10 VISHAY-T18102KT10 Datasheet
87Kb / 5P
3/4 Rectangular Multi-Turn Cermet Trimmer
05-Aug-13
T18105KT10 VISHAY-T18105KT10 Datasheet
87Kb / 5P
3/4" Rectangular Multi-Turn Cermet Trimmer
05-Aug-13
M70Y104KB25 VISHAY-M70Y104KB25 Datasheet
92Kb / 4P
Rectangular Multi-Turn Cermet Trimmer
02-Oct-13
T18 VISHAY-T18_17 Datasheet
90Kb / 5P
3/4 Rectangular Multi-Turn Cermet Trimmer
24-Sep-15
T18 VISHAY-T18_V01 Datasheet
79Kb / 5P
3/4" Rectangular Multi-Turn Cermet Trimmer
21-Oct-2020
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
M70L103KB25 VISHAY-M70L103KB25_V01 Datasheet
79Kb / 4P
1 1/4 Rectangular Multi-Turn Cermet Trimmer
22-Sep-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com