Electronic Components Datasheet Search
  English  ▼

X  

3273894 Datasheet (PDF) - PHOENIX CONTACT

3273894 Datasheet PDF - PHOENIX CONTACT
Part # 3273894
Download  3273894 Download
File Size   543.14 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4 VT

3273894 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273894 Datasheet PDF - PHOENIX CONTACT

Part # 3273894
Download  3273894 Click to download

File Size   543.14 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4 VT

3273894 Datasheet (HTML) - PHOENIX CONTACT


3273894 Product details

Distribution block, nom. voltage: 450 V, nominal current: 32 A, connection method: Push-in
connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,
Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping
onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: violet




Similar Part No. - 3273894

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273890 PHOENIX-3273890 Datasheet
549Kb / 22P
Distribution block - PTFIX 10/12X4 WH
Jun 27, 2022
logo
Kimberly-Clark Worldwid...
3273891 KLEENGUARD-3273891 Datasheet
807Kb / 3P
Product Data Sheet for KleenGuard® G40 Polyurethane Coated Gloves - Hand-Specific Pairs / Black
15/07/2020
logo
PHOENIX CONTACT
3273892 PHOENIX-3273892 Datasheet
546Kb / 22P
Distribution block - PTFIX 10/12X4 BK
Jun 16, 2022
3273895 PHOENIX-3273895 Datasheet
542Kb / 21P
Distribution block - PTFIX 10/12X4 PK
Jul 29, 2022
3273896 PHOENIX-3273896 Datasheet
545Kb / 21P
Distribution block - PTFIX 10/12X4 OG
Jul 20, 2022
More results


Similar Description - 3273894

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273696 PHOENIX-3273696 Datasheet
69Kb / 4P
Distribution block - PTFIX 12X4-NS35A VT
3273960 PHOENIX-3273960 Datasheet
478Kb / 19P
Distribution block - PTFIX 12X4-G VT
Jun 22, 2022
3273564 PHOENIX-3273564 Datasheet
481Kb / 20P
Distribution block - PTFIX 12X4-NS35 VT
Jun 29, 2022
3273892 PHOENIX-3273892 Datasheet
546Kb / 22P
Distribution block - PTFIX 10/12X4 BK
Jun 16, 2022
3273762 PHOENIX-3273762 Datasheet
480Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A VT
Nov 30, 2022
3274026 PHOENIX-3274026 Datasheet
469Kb / 18P
Distribution block - PTFIX 10/12X4-G VT
Jul 29, 2022
3273630 PHOENIX-3273630 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 VT
Sep 8, 2022
3273828 PHOENIX-3273828 Datasheet
550Kb / 21P
Distribution block - PTFIX 12X4 VT
Jul 20, 2022
3273896 PHOENIX-3273896 Datasheet
545Kb / 21P
Distribution block - PTFIX 10/12X4 OG
Jul 20, 2022
3273898 PHOENIX-3273898 Datasheet
556Kb / 21P
Distribution block - PTFIX 10/12X4-FE
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com