Electronic Components Datasheet Search
  English  ▼

X  

0639000600 Datasheet (PDF) - Molex Electronics Ltd.

0639000600 Datasheet PDF - Molex Electronics Ltd.
Part # 0639000600
Download  0639000600 Download
File Size   40.06 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for MX150 Male Terminals, 22 AWG and 0.50mm² wire

0639000600 Datasheet (PDF)

Go To PDF Page Download Datasheet
0639000600 Datasheet PDF - Molex Electronics Ltd.

Part # 0639000600
Download  0639000600 Click to download

File Size   40.06 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator for MX150 Male Terminals, 22 AWG and 0.50mm² wire

0639000600 Datasheet (HTML) - Molex Electronics Ltd.


0639000600 Product details

General
Product Family Application Tooling
Series 207127
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Automatic, Semi-Automatic
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name FineAdjust, MX150
Taxonomy Applicators and Crimp Modules
Tool Type Applicator
UPC 800756836652
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 0639000600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639000100 MOLEX-0639000100 Datasheet
39Kb / 1P
FineAdjust Applicator for 2.50mm Pitch Splash Proof Crimp Terminal, 20-22 AWG
08/25/2022
More results


Similar Description - 0639000600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-0400 MOLEX11-63900-0400 Datasheet
50Kb / 1P
FineAdjust Applicator for Terminals, 18 AWG Wire
63900-0500 MOLEX11-63900-0500 Datasheet
50Kb / 1P
FineAdjust Applicator for Terminals, 20 AWG Wire
63900-0600 MOLEX11-63900-0600 Datasheet
49Kb / 1P
FineAdjust Applicator, 22 AWG Wire
63900-6700 MOLEX11-63900-6700 Datasheet
50Kb / 1P
FineAdjust Applicator for Terminals, 14 AWG Wire
63900-8200 MOLEX11-63900-8200 Datasheet
39Kb / 1P
FineAdjust Applicator for Male and Female Terminals, 14-16 AWG Wire
63901-4600 MOLEX11-63901-4600 Datasheet
50Kb / 1P
FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
0638083100 MOLEX-0638083100 Datasheet
51Kb / 2P
FA2 Mechanical Applicator for MX150 Terminals, 22 AWG, 0.35mm², 0.50mm² Wire
08/26/2022
0639008200 MOLEX-0639008200 Datasheet
34Kb / 2P
FineAdjust Applicator for Male and Female Terminals, 14-16 AWG Wire
08/26/2022
0639014600 MOLEX-0639014600 Datasheet
34Kb / 2P
FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
08/26/2022
0639042200 MOLEX-0639042200 Datasheet
32Kb / 1P
FineAdjust Applicator for VersaBlade .070 Male and Female Terminals, 20-22 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com